Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4077-1ARMZ-R7

  • AI
    ## Overview of ADA4077-1ARMZ-R7 The **ADA4077-1ARMZ-R7** is a high-precision, ultra-low offset voltage operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is part of a series known for combining extremely low noise with low power consumption and high accuracy over a wide temperature range. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 1 (Single Op-Amp) | | **Input Offset Voltage** | 25 µV (Maximum) | | **Offset Drift** | 0.25 µV/°C (Maximum) | | **Gain Bandwidth Product** | 3.9 MHz | | **Slew Rate** | 1.2 V/µs | | **Supply Voltage Range** | ±2.5 V to ±15 V (or 5V to 30V single) | | **Quiescent Current** | 400 µA per amplifier | | **Package Type** | MSOP-8 (ARMZ) | | **Packaging Method** | Tape and Reel (R7) | --- ### 2. Breakdown of the Part Number Understanding the suffix nomenclature is essential for procurement and PCB design: * **ADA4077-1**: The core model number (1 indicates a single channel). * **ARMZ**: * **A**: Performance grade. * **RM**: Indicates the **MSOP** (Mini Small Outline Package). * **Z**: RoHS compliant / Lead-free. * **R7**: Indicates the packaging format, specifically a **7-inch Tape and Reel** (usually containing 1,000 units). --- ### 3. Core Features and Benefits * **High Precision:** The extremely low offset voltage (25 µV) ensures that the amplifier introduces minimal error into the signal chain, which is critical for sensor amplification. * **Stability over Temperature:** The low drift specification means the device maintains its accuracy even if the operating environment experiences temperature fluctuations. * **Low Noise:** With a typical noise density of **7 nV/√Hz**, it is suitable for high-resolution data acquisition systems. * **Wide Supply Range:** It can operate on standard industrial rails like ±12V or ±15V, as well as lower voltage digital systems. --- ### 4. Common Applications 1. **Process Control:** Used in PLC (Programmable Logic Controller) input modules to monitor industrial sensors. 2. **Precision Filters:** Ideal for active filters where high Q-factors and low distortion are required. 3. **Sensor Interfaces:** Amplifying signals from thermocouples, RTDs, and strain gauges. 4. **Weight Scales:** High-accuracy medical or industrial weighing equipment. --- ### 5. Equivalent/Alternative Parts If the ADA4077-1 is unavailable, the following are often considered (though pinouts and exact specs may vary): * **OP07**: The classic precision Op-Amp (lower performance). * **ADA4077-2 / ADA4077-4**: Dual and Quad versions of the same chip. * **LT1001**: A similar precision bipolar Op-Amp from Linear Technology (now Analog Devices).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4077-1 and the ADA4077-2?
    • ⤷ Does this Op-Amp require specific decoupling capacitor values for stability?
    • ⤷ How does the MSOP-8 footprint compare to a standard SOIC-8 in terms of board space?