Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4096-2ARMZ-R7

  • AI
    ### Overview of ADA4096-2ARMZ-R7 The **ADA4096-2ARMZ-R7** is a high-precision, micropower, dual operational amplifier manufactured by **Analog Devices**. It is specifically designed for applications requiring robust input protection and low power consumption. --- ### Key Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 3 V to 30 V | | **Supply Voltage (Dual)** | ±1.5 V to ±15 V | | **Supply Current per Amp** | 60 μA (Typical) | | **Gain Bandwidth Product** | 780 kHz | | **Offset Voltage (Max)** | 250 μV | | **Input Protection** | 32 V above/below supply rails | | **Package / Case** | 8-MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Distinctive Features 1. **Overvoltage Protection (OVP):** One of the standout features is its input stage. It can handle input voltages up to 32 V beyond the power supply rails without phase reversal or latch-up. This makes it ideal for harsh industrial environments. 2. **Micropower Operation:** With a current draw of only 60 μA per amplifier, it is highly efficient for battery-powered or portable instruments. 3. **Rail-to-Rail Output:** The output can swing nearly to the supply rails, maximizing the dynamic range of the signal. 4. **Unity-Gain Stable:** It can be used in a buffer configuration (Gain = 1) without oscillating. --- ### Pin Configuration (8-MSOP) Below is the standard pinout for the dual amplifier package: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT A** | Output of Amplifier A | | 2 | **-IN A** | Inverting Input of Amplifier A | | 3 | **+IN A** | Non-Inverting Input of Amplifier A | | 4 | **V-** | Negative Power Supply | | 5 | **+IN B** | Non-Inverting Input of Amplifier B | | 6 | **-IN B** | Inverting Input of Amplifier B | | 7 | **OUT B** | Output of Amplifier B | | 8 | **V+** | Positive Power Supply | --- ### Common Applications * **Industrial Process Control:** Monitoring sensors in environments where voltage spikes are common. * **Battery Monitoring:** Low power consumption extends the life of remote sensing equipment. * **Precision Filters:** Suitable for low-frequency active filtering. * **Portable Instrumentation:** Handheld multimeters and medical diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ How does the overvoltage protection mechanism in the ADA4096-2 function compared to standard op-amps?
    • ⤷ What are the recommended decoupling capacitor values for stable operation of this device?
    • ⤷ Can you provide a comparison between the ADA4096-2 and the ADA4091-2?