Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4610-2ARMZ-R7

  • AI
    The **ADA4610-2ARMZ-R7** is a high-precision, dual-channel, JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is widely recognized for its low noise, low input bias current, and high speed. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET | | **Supply Voltage (Range)** | ±4.5 V to ±15 V | | **Gain Bandwidth Product** | 16.3 MHz | | **Slew Rate** | 61 V/µs | | **Input Bias Current** | 5 pA (Typical) | | **Voltage Noise Density** | 7.3 nV/√Hz (at 1 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | MSOP-8 (ARMZ suffix) | --- ### 2. Breakdown of the Part Number The part number follows a specific naming convention used by Analog Devices: * **ADA4610**: The core series designation (Precision JFET Op-Amp). * **-2**: Indicates the number of channels (2 = Dual). * **A**: Refers to the performance grade (Standard grade). * **RM**: Indicates the package type (MSOP - Mini Small Outline Package). * **Z**: Denotes RoHS compliance (Lead-free). * **R7**: Indicates the packaging format (7-inch Reel, usually containing 1,000 units). --- ### 3. Core Features and Benefits * **High Slew Rate (61 V/µs):** This allows the amplifier to respond rapidly to large changes in input signals, making it excellent for high-speed signal processing. * **Ultra-Low Input Bias Current:** Because it uses JFET inputs, the current flowing into the input pins is extremely small (pico-amps). This is critical for high-impedance sensor applications. * **Low Total Harmonic Distortion (THD):** Ideal for audio and high-fidelity instrumentation. * **No Phase Reversal:** The output will not flip polarity if the input voltage exceeds the specified common-mode range. --- ### 4. Typical Applications The ADA4610-2 is commonly used in high-precision circuits, including: 1. **Photodiode Transimpedance Amplifiers:** Converting light signals into voltage. 2. **Precision Filters:** High-order active filters requiring high bandwidth. 3. **Medical Instrumentation:** Low-noise data acquisition for EEG/ECG. 4. **Professional Audio:** High-end pre-amplifiers and mixing consoles. 5. **ATE (Automatic Test Equipment):** Fast settling times are required for testing semiconductors. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ADA4610-2 and the single-channel ADA4610-1?
    • ⤷ How does JFET input technology compare to CMOS in op-amp design?
    • ⤷ Can this op-amp be used with a single-rail power supply?