Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4666-2ACPZ-R7

  • AI
    ## Overview of ADA4666-2ACPZ-R7 The **ADA4666-2ACPZ-R7** is a high-performance, dual-channel, micropower operational amplifier produced by **Analog Devices**. It is designed for low-power applications where precision and rail-to-rail input/output capabilities are essential. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Range)** | 3.0V to 18V (or ±1.5V to ±9V) | | **Quiescent Current** | 635 µA per amplifier (Typical) | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 2.1 V/µs | | **Input Bias Current** | 0.5 pA (Typical) | | **Input Offset Voltage** | 2.2 mV (Maximum) | | **Package / Case** | 8-LFCSP (Lead Frame Chip Scale Package) | --- ### Core Electronic Characteristics #### 1. Rail-to-Rail Input and Output (RRIO) The device allows the input signal to swing to both the positive and negative supply rails without clipping. The output can also swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. #### 2. Micropower Operation With a very low supply current (approx. 635 µA), this op-amp is ideal for battery-powered devices. It strikes a balance between low power consumption and a relatively high bandwidth (4 MHz). #### 3. CMOS Technology The use of CMOS technology results in extremely low input bias currents (femto-ampere range). This makes it excellent for high-impedance sensor interfaces, such as photodiode amplifiers or pH probes. #### 4. Wide Supply Range Unlike many low-power op-amps limited to 5V, the ADA4666-2 can operate up to 18V, providing flexibility for industrial and automotive applications. --- ### Part Number Breakdown The suffix **"ACPZ-R7"** provides specific information regarding the physical manufacturing: * **ACPZ:** Indicates the package type (LFCSP) and that it is Lead-Free (RoHS compliant). * **R7:** Indicates the tape and reel size (usually 7-inch reel containing 1,500 or 3,000 units). --- ### Common Applications * **Battery-Powered Instrumentation:** Low current draw extends battery life. * **Sensor Signal Conditioning:** High input impedance is ideal for sensors with weak signals. * **Portable Medical Devices:** Used in ECG or glucose monitors where space and power are limited. * **Active Filters:** Suitable for low-frequency filtering in audio or industrial equipment.
    ✨ Follow-up Questions
    • ⤷ How does the ADA4666-2 compare to the ADA4661-2 in terms of power consumption?
    • ⤷ What are the PCB layout recommendations for the 8-LFCSP package to ensure thermal stability?
    • ⤷ Can this op-amp be used in a single-supply 3.3V digital system?