Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4666-2ARMZ-R7

  • AI
    The **ADA4666-2ARMZ-R7** is a high-performance, dual-channel operational amplifier manufactured by Analog Devices. It is specifically designed for low-power, precision applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Range)** | 3V to 18V (Single) / ±1.5V to ±9V (Dual) | | **Quiescent Current** | 635 µA per amplifier | | **Gain Bandwidth Product** | 4 MHz | | **Slew Rate** | 2.1 V/µs | | **Input Bias Current** | 0.5 pA (Typical) | | **Package / Case** | 8-MSOP (Micro Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Characteristics * **Rail-to-Rail Input/Output (RRIO):** This part allows the input and output signals to swing almost to the full potential of the positive and negative supply rails, maximizing the dynamic range. * **Micropower Operation:** Despite its 4 MHz bandwidth, it consumes very little power, making it ideal for battery-operated devices. * **High Input Impedance:** Because it uses CMOS technology, the input bias current is extremely low (in the picoampere range), which prevents loading errors in high-impedance sensor circuits. * **Low Offset Voltage:** It offers precision performance suitable for DC-sensitive measurements. --- ### 3. Application Use Cases This component is commonly found in: 1. **Portable Medical Instrumentation:** Used in ECG/EKG monitors due to low power consumption and high precision. 2. **Sensor Signal Conditioning:** Amplifying signals from photodiode sensors or pH electrodes where low input bias current is critical. 3. **Active Filters:** Designing low-pass or high-pass filters in battery-powered audio or industrial equipment. 4. **Process Control:** Part of the signal chain in 4-20mA current loops. --- ### 4. Decoding the Part Number ```text ADA4666 - 2 - ARMZ - R7 | | | | | | | +--- Reel (7-inch) packaging | | +---------- Package Code (MSOP) & RoHS Compliant | +--------------- Number of Channels (Dual) +---------------------- Device Model Series ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4666 and the ADA4661?
    • ⤷ Can this op-amp be used in a single-supply 5V circuit?
    • ⤷ What is the importance of the low input bias current in this specific model?