Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADA4891-2ARMZ-R7

  • AI
    The **ADA4891-2ARMZ-R7** is a high-speed, CMOS, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is designed to provide high performance at a low cost, making it ideal for video applications and consumer electronics. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Bandwidth (-3 dB)** | 240 MHz | | **Slew Rate** | 210 V/µs | | **Supply Voltage Range** | 2.7V to 5.5V | | **Output Current** | 125 mA | | **Settling Time (0.1%)** | 25 ns | | **Package / Case** | 8-MSOP (8-uMAX) | --- ### 2. Core Features * **Rail-to-Rail Output:** The output swing extends to within millivolts of the supply rails, which is critical for maximizing dynamic range in low-voltage systems. * **High Speed:** With a 240 MHz bandwidth and high slew rate, it can handle fast-moving signals without significant distortion. * **Low Cost:** Optimized for high-volume applications where budget is a constraint but performance is required. * **Low Power:** Despite its speed, it maintains a relatively low quiescent current, suitable for battery-powered devices. --- ### 3. Decoding the Part Number: `ADA4891-2ARMZ-R7` Understanding the suffix helps in identifying the specific physical and packaging attributes: | Segment | Meaning | | :--- | :--- | | **ADA4891** | Model series (High-speed CMOS Op-amp) | | **-2** | Denotes the number of channels (Dual) | | **A** | Temperature range / Performance grade | | **RM** | Package type (MSOP - Mini Small Outline Package) | | **Z** | RoHS compliant (Lead-free) | | **R7** | Packaging format (7-inch Reel, typically 1,000 units) | --- ### 4. Common Applications Due to its high speed and rail-to-rail capabilities, the ADA4891-2 is frequently used in: 1. **Automotive Infotainment:** Driving video displays and processing sensor data. 2. **Video Buffering:** Serving as a driver for composite video signals (SDTV/HDTV). 3. **Active Filters:** High-speed signal conditioning and filtering. 4. **Photodiode Pre-amps:** Converting light-to-voltage in optical sensors. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADA4891-2 and the ADA4891-4?
    • ⤷ Can this op-amp be used in a single-supply 3.3V system?
    • ⤷ What are the thermal considerations for the 8-MSOP package in high-current applications?