Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCA3280ACEZ-R7

  • AI
    The **ADCA3280ACEZ-R7** is a high-performance, integrated RF (Radio Frequency) component manufactured by **Analog Devices**. It is primarily categorized as a **High-Power GaAs MMIC (Monolithic Microwave Integrated Circuit) Differential Amplifier**, specifically optimized for cable infrastructure and broadband applications. --- ### 1. Key Technical Specifications The device is designed to handle high-frequency signals with high linearity and low noise. | Parameter | Description | | :--- | :--- | | **Component Type** | Differential RF Amplifier | | **Frequency Range** | 45 MHz to 1800 MHz (DOCSIS 4.0 Ready) | | **Gain** | Approximately 17.5 dB (at 1.8 GHz) | | **Supply Voltage** | 5V DC | | **Power Dissipation** | Low power consumption for its class (~1.3W) | | **Package Type** | 24-lead LFCSP (Lead Frame Chip Scale Package) | | **Output IP3** | High linearity (OIP3 ~47 dBm) | --- ### 2. Core Functional Blocks The internal architecture of the ADCA3280 is designed for balanced signaling: * **GaAs pHEMT Technology:** Utilizes Gallium Arsenide (GaAs) pseudomorphic High Electron Mobility Transistor technology to achieve high gain and low noise at microwave frequencies. * **Differential Input/Output:** Unlike standard single-ended amplifiers, this part uses differential signaling to reject common-mode noise and reduce second-order harmonics. * **Internal Matching:** The part includes internal input and output matching circuitry to simplify the design of the PCB (Printed Circuit Board) and minimize external components. --- ### 3. Application Areas The ADCA3280 is a "workhorse" for the telecommunications industry, specifically in the following sectors: 1. **DOCSIS 4.0 Infrastructure:** Used in cable modem termination systems (CMTS) and remote PHY nodes to support high-speed internet over coaxial cables. 2. **CATV (Cable TV):** Functions as a power doubler or gain block in distribution amplifiers. 3. **FTTH (Fiber to the Home):** Used in optical receivers to amplify the RF signal after it has been converted from light. --- ### 4. Part Number Breakdown (Nomenclature) * **ADCA:** Analog Devices RF Amplifier Series. * **3280:** Specific model identifier. * **ACEZ:** Indicates the package type (LFCSP) and temperature range. * **R7:** Denotes the packaging format (7-inch Reel, typically containing 1,500 units). --- ### 5. Design Considerations * **Thermal Management:** Because it is a power amplifier, the exposed pad on the bottom of the LFCSP package must be soldered to a ground plane with multiple thermal vias to dissipate heat. * **Impedance Matching:** While internally matched, external AC coupling capacitors and RF chokes (inductors) are required on the supply lines to prevent RF leakage into the DC power source.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using differential amplifiers in DOCSIS 4.0 applications?
    • ⤷ What are the recommended thermal relief techniques for the LFCSP-24 package?
    • ⤷ How does the ADCA3280 compare to the ADCA3270 in terms of gain and frequency?