Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCLK905BCPZ-R7

  • AI
    The **ADCLK905BCPZ-R7** is a high-performance, ultrafast clock/data buffer manufactured by Analog Devices. It is designed for applications requiring extremely low jitter and high-speed signal distribution. --- ## 1. Technical Specifications The following table outlines the core electrical characteristics of the ADCLK905: | Feature | Specification | | :--- | :--- | | **Logic Type** | ECL (Emitter Coupled Logic) / PECL | | **Propagation Delay** | 95 ps (typical) | | **Random Jitter** | 60 fs rms | | **Input Frequency (Max)** | 7.5 GHz | | **Output Type** | Differential (Reduced Swing ECL) | | **Supply Voltage** | 2.5 V to 3.3 V | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ## 2. Key Internal Components & Features ### A. Differential Input Stage The device features high-speed differential inputs that can be DC-coupled or AC-coupled. These inputs include internal $50\, \Omega$ termination resistors to a common $V_{REF}$ pin, which simplifies the interface with various signal standards like CML, LVDS, and PECL. ### B. Output Driver (RSPECL) The output stage is a **Reduced Swing PECL (RSPECL)** driver. This design provides: - Fast transition times (approximately 60 ps rise/fall). - Lower power consumption compared to standard ECL. - High signal integrity for driving backplanes or high-speed ADCs. ### C. Thermal Management The "BCPZ" suffix indicates a **Lead Frame Chip Scale Package (LFCSP)**. This package includes an exposed thermal pad on the bottom, which must be soldered to the PCB ground plane to dissipate heat and ensure stable performance at 7.5 GHz frequencies. --- ## 3. Application Use Cases Due to its sub-100 fs jitter performance, this part is commonly used in: * **Clock Distribution:** Distributing high-frequency master clocks to multiple subsystems. * **ADC/DAC Clocking:** Providing clean clock edges to high-speed converters to maintain Signal-to-Noise Ratio (SNR). * **Networking:** High-speed SONET/SDH and Ethernet synchronization. --- ## 4. Typical Connection Diagram (Pseudo-code/Logic) When integrating the ADCLK905, the termination strategy is critical: ```cpp // Pseudocode representation of Termination Logic Input_Signal -> [Internal 50 Ohm] -> V_REF; Output_P -> [Transmission Line] -> [50 Ohm to V_CC - 2.0V]; Output_N -> [Transmission Line] -> [50 Ohm to V_CC - 2.0V]; ```
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power dissipation for the ADCLK905 at 5GHz?
    • ⤷ What are the specific differences between the ADCLK905 and ADCLK907?
    • ⤷ What is the recommended PCB layout strategy for the LFCSP package thermal pad?