Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP573BCP-R2

  • AI
    ## Technical Overview: ADCMP573BCP-R2 The **ADCMP573BCP-R2** is a high-speed comparator manufactured by Analog Devices. It is specifically designed to meet the demands of high-performance signal processing where extremely low propagation delay and high-speed data rates are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 150 ps (typical) | | **Minimum Pulse Width** | 160 ps | | **Overdrive Dispersion** | < 1 ps | | **Input Common-Mode Range** | -2.0 V to +1.2 V | | **Output Type** | Reduced Swing CML (Current Mode Logic) | | **Supply Voltage** | 3.3 V | | **Package Type** | 16-lead LFCSP | --- ### 2. Core Functional Components The internal architecture of the ADCMP573 involves several specialized stages to achieve sub-nanosecond speeds: #### A. Input Stage The input stage is a high-bandwidth differential amplifier. It is designed to handle high-speed signals with minimal distortion. It supports a wide common-mode range, allowing it to interface with various signal standards. #### B. Latch Function The device includes a **Latch Enable (LE)** input. - **Transparent Mode:** The output follows the input. - **Latch Mode:** The output is "frozen" at its current state regardless of input changes. This is essential for high-speed data acquisition and timing applications. #### C. CML Output Stage It utilizes **Reduced Swing CML**. Unlike standard PECL or LVDS, CML outputs are optimized for driving 50 $\Omega$ transmission lines directly. The "Reduced Swing" minimizes power consumption and EMI while maintaining the speed necessary for backplane or chip-to-chip communication. --- ### 3. Application Areas The ADCMP573 is primarily found in high-end instrumentation and communications hardware: 1. **Automatic Test Equipment (ATE):** Used for precise timing measurements and signal edge detection. 2. **High-Speed Line Receivers:** Restoring signal integrity in high-speed digital data streams. 3. **Threshold Detection:** Monitoring ultra-fast pulses in physics or medical imaging (e.g., PET scanners). 4. **Clock/Data Recovery:** Assisting in synchronizing high-speed serial links. --- ### 4. Implementation Example (CML Output) When connecting the output to a 50 $\Omega$ measurement system, the following termination is typically required: ```c // Concept: CML Output Termination // VCC = 3.3V // Output (+) ----> [ 50 Ohm Resistor ] ----> VCC // Output (-) ----> [ 50 Ohm Resistor ] ----> VCC ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the ADCMP573 at high toggle rates?
    • ⤷ How does the 'Reduced Swing CML' compare to standard LVDS in terms of noise immunity?
    • ⤷ What is the recommended layout strategy for the 16-lead LFCSP package to minimize parasitic inductance?