Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP582BCPZ-R2

  • AI
    The **ADCMP582BCPZ-R2** is a high-performance, ultra-fast voltage comparator manufactured by Analog Devices. It is specifically designed for high-speed signal processing where minimal propagation delay and high precision are required. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the ADCMP582: | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 180 ps (typical) | | **Overdrive Dispersion** | 10 ps (typical) | | **Output Logic** | Reduced Swing PECL (RSPECL) | | **Equivalent Bandwidth** | 8 GHz | | **Input Bias Current** | 10 μA | | **Operating Voltage** | ±5 V or +5 V / -2 V | | **Package Type** | 16-lead LFCSP | --- ### 2. Core Functional Components The internal architecture of the ADCMP582 consists of several critical stages: 1. **Differential Input Stage:** Features high-impedance inputs capable of handling a wide common-mode range. It is designed to minimize input offset voltage and drift. 2. **High-Gain Preamplifier:** This stage boosts the differential signal to ensure the device can trigger even on very small voltage transitions. 3. **Latch Function:** The device includes a "Latch Enable" (LE) input. When the latch is active, the output remains in its current state regardless of changes at the input, which is essential for timing and synchronization. 4. **Output Driver (RSPECL):** The Reduced Swing PECL output provides high-speed switching with lower power consumption and reduced electromagnetic interference (EMI) compared to standard PECL. --- ### 3. Pinout Overview (16-Lead LFCSP) | Pin Name | Description | | :--- | :--- | | **VCCI** | Input stage positive supply voltage. | | **VCCI_GND** | Input stage ground. | | **V+ / V-** | Differential analog inputs. | | **LE / LE_BAR** | Differential latch enable inputs. | | **Q / Q_BAR** | Differential RSPECL outputs. | | **VCCO** | Output stage positive supply voltage. | --- ### 4. Common Applications Due to its sub-nanosecond response time, this part is commonly used in: * **Automatic Test Equipment (ATE):** For high-speed timing measurements and clock recovery. * **High-Speed Instrumentation:** Oscilloscopes and logic analyzers. * **Pulse Spectroscopy:** Detecting extremely short-duration physics events. * **Communication Systems:** Clock and data restoration or signal leveling. --- ### 5. Design Considerations * **Thermal Management:** Because the device operates at ultra-high frequencies, the 16-lead LFCSP package includes an exposed pad. This pad **must** be soldered to the PCB ground plane to ensure adequate heat dissipation. * **Termination:** RSPECL outputs require proper termination (usually 50 $\Omega$ to $V_{CCO} - 2V$) to avoid signal reflections that could degrade timing accuracy. * **Bypassing:** Use high-frequency ceramic capacitors (e.g., 0.1 μF and 0.01 μF) placed as close as possible to the supply pins to minimize noise.
    ✨ Follow-up Questions
    • ⤷How does RSPECL logic differ from standard PECL in terms of power and speed?
    • ⤷ What are the specific requirements for the Latch Enable signal timing in this device?
    • ⤷ Can you provide a typical application circuit for a zero-crossing detector using the ADCMP582?