Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP602BRMZ

  • AI
    ## Overview of the ADCMP602BRMZ The **ADCMP602BRMZ** is a high-speed comparator manufactured by Analog Devices. It is designed for applications requiring very low propagation delay and high precision. It features a Rail-to-Rail input stage and a LVTTL/CMOS compatible output stage. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 3.5 ns (typical) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Output Type** | LVTTL / CMOS | | **Input Type** | Rail-to-Rail | | **Quiescent Current** | 1.3 mA | | **Package Type** | 8-lead MSOP (RM-8) | | **Operating Temperature** | -40°C to +125°C | --- ### Core Internal Architecture The ADCMP602 is built on a proprietary XFCB2 (Extra Fast Complementary Bipolar) process. Its internal architecture consists of three main stages: 1. **Input Stage:** A rail-to-rail differential input stage that allows the input voltage to span from the negative supply rail to the positive supply rail. 2. **Latch Function:** It includes a dedicated `LE/HYS` (Latch Enable/Hysteresis) pin. This allows the user to either lock the output state (latch) or program an internal hysteresis to prevent oscillations in noisy environments. 3. **Output Stage:** A high-speed digital output driver compatible with standard logic levels (up to 5.5V). --- ### Pin Configuration (8-Lead MSOP) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VCC** | Positive Supply Voltage | | 2 | **IN+** | Non-inverting Input | | 3 | **IN-** | Inverting Input | | 4 | **LE/HYS** | Latch Enable and Hysteresis Control | | 5 | **GND** | Ground | | 6 | **Q** | Non-inverting Output | | 7 | **QN** | Inverting Output (Complementary) | | 8 | **VEE** | Negative Supply (often connected to GND) | --- ### Typical Application Use Cases * **Clock and Data Recovery:** Used in high-speed communication systems to reshape distorted signals. * **Threshold Detection:** Precise voltage monitoring where a fast response is required to trigger safety protocols. * **Pulse Width Modulation (PWM):** Used in high-frequency power electronics. * **Zero-Crossing Detectors:** Converting AC sine waves into square waves for timing synchronization. --- ### Usage Note: Latch and Hysteresis One of the most important aspects of the ADCMP602 is the **LE/HYS** pin. * **Hysteresis:** By placing a resistor between this pin and GND, you can increase the input hysteresis, which improves noise immunity. * **Latching:** Driving this pin to a specific logic level allows the device to "freeze" the current output state regardless of changes at the input.
    ✨ Follow-up Questions
    • What is the difference between ADCMP602 and ADCMP600?
    • How do I calculate the resistor value for the HYS pin?
    • Can the ADCMP602 be used for high-speed differential signaling?