Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP603BCPZ-R2

  • AI
    ## ADCMP603BCPZ-R2: Electronic Component Overview The **ADCMP603BCPZ-R2** is a high-speed comparator manufactured by Analog Devices. It is designed for applications requiring extremely fast signal processing with minimal power consumption, often used in clock and data restoration or high-speed line receivers. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 3.5 ns (Typical) | | **Supply Voltage Range** | 2.5 V to 5.5 V | | **Output Type** | TTL / CMOS Compatible | | **Package Type** | LFCSP-6 (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | | **Input Common-Mode Range** | -0.2 V to $V_{CC}$ + 0.2 V | --- ### 2. Functional Characteristics * **Rail-to-Rail Input:** The device allows inputs slightly beyond the supply rails, providing flexibility in low-voltage systems. * **Hysteresis Functionality:** It includes internal hysteresis (typically 3.5 mV) to prevent output oscillations caused by noise on slowly moving input signals. * **Shutdown Mode:** It features a power-down pin to reduce current consumption when the device is not in use. * **Low Power Consumption:** Despite its high speed, it draws only approximately 4 mA of supply current. --- ### 3. Pin Configuration (LFCSP-6) Below is a typical representation of the pin functions for the ADCMP603: | Pin Number | Mnemonic | Description | | :--- | :--- | :--- | | 1 | $V_{CC}$ | Positive Supply Voltage | | 2 | $V_{IN}+$ | Non-Inverting Input | | 3 | $V_{IN}-$ | Inverting Input | | 4 | $\overline{SD}$ | Shutdown (Active Low) | | 5 | $V_{EE}$ | Negative Supply Voltage / Ground | | 6 | $Q$ | Comparator Output | --- ### 4. Typical Application Circuit When implementing the ADCMP603, bypass capacitors are critical due to the high-speed nature of the device. ```python # Conceptual connection for a zero-crossing detector # Input signal to Pin 2 (Vin+) # Reference (GND) to Pin 3 (Vin-) # 0.1uF Ceramic Capacitor placed close to Pin 1 (Vcc) ``` ### 5. Common Use Cases 1. **High-Speed Line Receivers:** Converting differential or distorted signals into clean digital logic. 2. **Clock Recovery:** Restoring timing signals in telecommunication hardware. 3. **Threshold Detectors:** Detecting precise voltage levels in automated test equipment. 4. **Pulse Width Modulation (PWM):** Fast-switching control circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADCMP603 and the ADCMP600?
    • ⤷ How does the LFCSP package affect thermal management for this part?
    • ⤷ Can this comparator be used with negative supply voltages?