Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP604BKSZ-R21

  • AI
    ## ADCMP604BKSZ-R2 (High-Speed Comparator) The **ADCMP604BKSZ-R2** is a high-speed comparator manufactured by Analog Devices. It is designed for applications requiring very fast signal processing and low power consumption. It features **LVDS (Low Voltage Differential Signaling)** outputs, making it ideal for interfacing with high-speed FPGAs and ASICs. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 1.5 ns (typical) | | **Output Type** | LVDS | | **Supply Voltage (Vcc)** | 2.5 V to 5.5 V | | **Power Consumption** | 38 mW (typical at 2.5 V) | | **Input Common-Mode Range** | -0.2 V to Vcc + 0.2 V | | **Package** | SC70-6 | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Parts The internal architecture of the ADCMP604 consists of several critical stages: 1. **Input Stage:** A high-speed differential pair capable of rail-to-rail input range. It is designed to handle very small input signals with minimal offset. 2. **Latch Function:** This part allows the user to "freeze" the state of the output. When the latch pin is driven, the comparator holds its current logic state regardless of the inputs. 3. **LVDS Driver:** The output stage converts the internal logic levels into a differential LVDS signal. This reduces electromagnetic interference (EMI) and allows for high-speed data transmission over PCB traces. 4. **Hysteresis (Internal):** The device includes internal hysteresis to prevent multiple transitions (chattering) when the input signal is noisy or moves slowly through the threshold. --- ### 3. Pin Configuration (SC70-6) Below is the standard pinout representation for the ADCMP604: | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **V_P** | Non-inverting Input (+) | | 2 | **V_N** | Inverting Input (-) | | 3 | **LE/HYS** | Latch Enable / Hysteresis Control | | 4 | **GND** | Ground | | 5 | **Q** | Non-inverting LVDS Output | | 6 | **/Q** | Inverting LVDS Output | | 7 | **Vcc** | Supply Voltage | --- ### 4. Application Use Cases Because of its high speed and LVDS output, this component is commonly used in: * **Clock and Data Restoration:** Cleaning up high-speed digital signals. * **Threshold Detection:** Identifying when a sensor signal crosses a specific voltage in nanoseconds. * **Pulse Width Modulation (PWM):** High-frequency PWM generation. * **High-Speed Line Receivers:** Interfacing between different signal standards.
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using LVDS outputs over CMOS outputs in high-speed comparators?
    • ⤷ How does the Latch Enable (LE) pin affect the timing of the output signal?
    • ⤷ What external components are required to implement custom hysteresis on this device?