Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP605BCPZ-R2

  • AI
    ## ADCMP605BCPZ-R2: High-Speed Comparator Overview The **ADCMP605BCPZ-R2** is a high-performance, very fast comparator manufactured by Analog Devices. It is specifically designed for high-speed signal processing where low jitter and fast response times are critical. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 1.5 ns (typical) | | **Output Logic** | LVDS (Low Voltage Differential Signaling) | | **Supply Voltage** | 2.5 V to 5.5 V | | **Input Common-Mode Range** | -0.2 V to Vcc + 0.2 V | | **Power Consumption** | ~46 mW at 2.5 V | | **Package Type** | 12-lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Features * **LVDS Output:** The device provides a Low Voltage Differential Signaling output. This is ideal for interfacing with FPGAs and high-speed digital processors because it reduces EMI (Electromagnetic Interference) and handles noise better than single-ended signals. * **Rail-to-Rail Inputs:** The input stage allows for a wide range of input voltages, even slightly exceeding the supply rails, providing flexibility in various circuit designs. * **Latch Function:** It includes a "Latch" pin. When the latch is enabled, the output remains fixed regardless of changes in the input, which is useful for capturing transient states. * **Programmable Hysteresis:** It allows the user to set a specific hysteresis level to prevent output oscillations caused by noisy input signals. --- ### 3. Pin Configuration (Simplified) | Pin Name | Function | | :--- | :--- | | **Vcc** | Positive Supply Voltage | | **Vee** | Negative Supply / Ground | | **IN+ / IN-** | Differential Analog Inputs | | **Q / /Q** | Differential LVDS Outputs | | **LE/HYS** | Latch Enable and Hysteresis control | --- ### 4. Typical Applications The ADCMP605 is commonly used in the following scenarios: 1. **Clock and Data Restoration:** Cleaning up high-speed digital signals. 2. **Peak Detectors:** Identifying the highest voltage points in a waveform. 3. **High-Speed Line Receivers:** Interpreting differential signals over long PCB traces. 4. **Threshold Detection:** Acting as a trigger for high-frequency events. --- ### 5. Implementation Example (System Level) To use the ADCMP605 in a standard threshold detection circuit, the following termination is typically required at the output to match LVDS standards: ```text [Comparator Output Q] ----[ 100 Ohm Resistor ]---- [Comparator Output /Q] | (Receiver Input Stage) ```
    ✨ Follow-up Questions
    • ⤷How does the latch function work in high-speed applications?
    • ⤷ What are the advantages of using LVDS outputs over TTL or CMOS?
    • ⤷ How do you calculate the hysteresis value using the HYS pin?