Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADCMP605BCPZ-R71

  • AI
    ## ADCMP605BCPZ-R7 Overview The **ADCMP605BCPZ-R7** is a high-speed comparator fabricated on Analog Devices' proprietary XFCB2 process. It is designed for applications requiring extremely fast response times and low power consumption. It features **LVDS (Low Voltage Differential Signaling)** outputs, making it ideal for interfacing with high-speed FPGAs and ASICs. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Propagation Delay** | 1.5 ns (typical) | | **Output Type** | LVDS | | **Supply Voltage** | 2.5 V to 5.5 V | | **Power Consumption** | 37 mW (at 2.5 V) | | **Input Common-Mode Range** | -0.2 V to $V_{CC}$ + 0.2 V | | **Package** | 12-lead LFCSP | | **Operating Temperature** | -40°C to +125°C | --- ### Core Electronic Components & Features #### 1. LVDS Output Stage Unlike standard TTL or CMOS comparators, the ADCMP605 uses **LVDS**. This provides several advantages: * **Reduced EMI:** Low voltage swings minimize electromagnetic interference. * **High Speed:** Faster switching transitions compared to single-ended outputs. * **Noise Immunity:** The differential nature of the signal rejects common-mode noise. #### 2. Input Stage & Hysteresis * **Rail-to-Rail Inputs:** The part handles input signals that extend slightly beyond the power supply rails. * **Built-in Hysteresis:** The device includes internal circuitry to provide stable switching even with noisy input signals or slow-moving transitions, preventing multiple output oscillations. #### 3. Latch Function The ADCMP605 includes a **Latch Enable (LE)** pin. When the latch is active, the output is held at its current state regardless of the inputs. This is critical for timing-sensitive data acquisition where a value needs to be "frozen" for a clock cycle. --- ### Typical Pin Configuration | Pin Name | Description | | :--- | :--- | | **$V_{CC}$** | Positive Supply Voltage | | **$V_{EE}$** | Negative Supply (Ground) | | **IN+ / IN-** | Differential Inputs | | **Q / /Q** | Differential LVDS Outputs | | **LE / /LE** | Differential Latch Enables | --- ### Applications * **High-Speed Line Receivers:** Used in telecommunications to restore signal integrity. * **Peak Detectors:** Identifying the highest point of a fast-moving pulse. * **Clock and Data Restoration:** Cleaning up jittery timing signals in digital systems. * **Threshold Detection:** High-speed triggering in medical or scientific instrumentation.
    ✨ Follow-up Questions
    • ⤷ How does the LVDS output of the ADCMP605 differ from the ADCMP604's PECL output?
    • ⤷ What are the layout considerations for the 12-lead LFCSP package to minimize noise?
    • ⤷ Can the ADCMP605 be used for zero-crossing detection in high-frequency RF applications?