Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADE-R11X

  • AI
    ## Overview of the ADE-R11X The **ADE-R11X** is a high-performance, surface-mount **Frequency Mixer** manufactured by Mini-Circuits. It is designed for signal processing applications, specifically for shifting signal frequencies (Up-conversion or Down-conversion) using a double-balanced diode architecture. --- ### 1. Key Technical Specifications The performance of the ADE-R11X is defined by its ability to handle high-frequency signals with minimal loss. | Parameter | Value | | :--- | :--- | | **Component Type** | Double Balanced Mixer | | **RF/LO Frequency Range** | 10 to 3000 MHz | | **IF Frequency Range** | DC to 1000 MHz | | **LO Power Level** | +7 dBm (Nominal) | | **Conversion Loss** | 7.0 dB (Typical) | | **Isolation (LO-RF)** | 35 dB (Typical) | | **Package Style** | CD542 (Surface Mount) | --- ### 2. Internal Electronic Structure The ADE-R11X utilizes a **Double-Balanced Bridge** design, which typically consists of: * **Transmission Line Transformers:** Used at the Input (RF) and Local Oscillator (LO) ports to provide balanced signals and impedance matching (50 Ohms). * **Schottky Diode Quad:** A ring of four matched diodes that acts as the switching element. The LO signal toggles these diodes on and off, effectively multiplying the RF signal by the LO signal to produce the Sum and Difference frequencies at the IF port. --- ### 3. Pin Configuration The device uses a 6-pin surface mount layout. Proper grounding is essential for maintaining isolation. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input | | **4** | **RF** | Radio Frequency Input | | **3** | **IF** | Intermediate Frequency Output | | **2, 5, 6** | **GND** | Ground (Must be connected to a low-inductance ground plane) | --- ### 4. Critical Design Considerations * **LO Power Requirements:** The "X" in the part number often indicates a specific diode batch or performance tier, but the R11 series generally requires a **Level 7** (+7 dBm) drive. Insufficient LO power will result in high conversion loss and increased distortion. * **Impedance Matching:** All ports are designed for **50 $\Omega$**. Significant deviations in PCB trace impedance will lead to signal reflections (VSWR issues). * **Thermal Management:** Operating temperature ranges from **-40°C to 85°C**. While passive, ensure the solder pads are well-connected to the ground plane to dissipate any heat from high-power LO signals. --- ### 5. Common Applications * **Cellular Infrastructure:** Used in base station receivers and transmitters. * **ISM Band Equipment:** Frequency shifting for Wi-Fi or Bluetooth testing tools. * **Defense & Radar:** Signal processing in the 10-3000 MHz range.
    ✨ Follow-up Questions
    • ⤷ What is the difference between conversion loss and isolation in this mixer?
    • ⤷ Can the ADE-R11X be used for up-conversion as well as down-conversion?
    • ⤷ How does LO power level affect the linearity (IP3) of this part?