Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADE-R6

  • AI
    The **ADE-R6** is a high-performance, surface-mount **Frequency Mixer** manufactured by Mini-Circuits. It is widely used in radio frequency (RF) design for frequency up-conversion and down-conversion. --- ### 1. Fundamental Specifications The ADE-R6 is a passive, double-balanced mixer. Below are its primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 0.05 to 250 MHz | | **LO Frequency Range** | 0.05 to 250 MHz | | **IF Frequency Range** | DC to 250 MHz | | **LO Drive Level** | +7 dBm (Level 7) | | **Conversion Loss** | 4.6 dB (Typical) | | **LO-RF Isolation** | 55 dB (Typical) | | **Package Type** | CD542 (Surface Mount) | --- ### 2. Key Internal Components The "Electronic Parts" inside the ADE-R6 consist of a specialized bridge circuit designed for signal symmetry: * **Schottky Barrier Diodes:** The core of the mixer uses a quad-diode ring. These diodes act as high-speed switches that commute the signal at the Local Oscillator (LO) frequency. * **Transmission Line Transformers:** Two wideband ferrite-core transformers (baluns) are used to interface the unbalanced RF/LO ports with the balanced diode ring. * **Lead-Free Substrate:** The components are mounted on a ceramic or high-temperature laminate substrate designed for reflow soldering. --- ### 3. Pin Configuration The device typically features 6 pins. Proper grounding is essential for maintaining isolation. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input | | **4** | **RF** | Radio Frequency Input/Output | | **3** | **IF** | Intermediate Frequency Output/Input | | **2, 5, 6** | **GND** | Ground (Must be connected to a common ground plane) | --- ### 4. Circuit Implementation When integrating the ADE-R6 into a PCB design, keep these electronic considerations in mind: 1. **Impedance Matching:** The device is designed for **50-Ohm** systems. All traces leading to the RF, LO, and IF ports should be controlled-impedance microstrip lines. 2. **LO Power:** Since it is a "Level 7" mixer, it requires a steady +7 dBm signal to ensure the internal diodes are fully saturated for linear mixing. 3. **DC Blocking:** As a passive mixer, it may require external DC blocking capacitors if the connected circuitry has a DC bias, as DC current through the internal transformers can saturate the cores. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a Level 7 and a Level 10 mixer?
    • ⤷ Can the ADE-R6 be used for frequency doubling?
    • ⤷ What are the common applications for the DC to 250 MHz IF range?