Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADE-R6LH

  • AI
    ## Overview of the ADE-R6LH The **ADE-R6LH** is a high-performance, surface-mount **Frequency Mixer** manufactured by Mini-Circuits. It is designed for signal processing applications, specifically for shifting frequencies (up-conversion or down-conversion) in RF systems. --- ### Technical Specifications The following table summarizes the primary electrical characteristics of the ADE-R6LH: | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 0.05 to 250 MHz | | **LO Frequency Range** | 0.05 to 250 MHz | | **IF Frequency Range** | DC to 250 MHz | | **LO Power Level** | +10 dBm (Level 10) | | **Conversion Loss** | 4.8 dB (typical) | | **LO-RF Isolation** | 60 dB (typical) | | **LO-IF Isolation** | 55 dB (typical) | | **Package Type** | CD542 (Surface Mount) | --- ### Internal Electronic Structure The ADE-R6LH is a **Double-Balanced Mixer**. Its internal architecture typically consists of: 1. **Schottky Barrier Diodes:** A ring of four matched diodes serves as the switching core. These diodes are selected for low capacitance and high-speed switching to ensure low conversion loss. 2. **Transmission Line Transformers (Baluns):** These are wound on ferrite cores. They convert the single-ended input signals into balanced signals to drive the diode ring. The "Double-Balanced" design provides high isolation between the Local Oscillator (LO), Radio Frequency (RF), and Intermediate Frequency (IF) ports. --- ### Key Performance Features * **High Isolation:** The device is engineered to prevent the LO signal from leaking into the RF or IF ports, which reduces the need for external filtering. * **Low Conversion Loss:** Its typical 4.8 dB loss ensures that signal strength is preserved during the frequency translation process. * **Solder Reflow Compatibility:** The part is designed to withstand standard industrial aqueous washing and reflow soldering processes. ### Typical Applications * **VHF Receivers:** Used in the front end to down-convert signals. * **Signal Generators:** For frequency synthesis. * **Defense Communications:** Due to its robust surface-mount design and reliability. ---
    ✨ Follow-up Questions
    • ⤷ What are the pin configurations for the CD542 package used by the ADE-R6LH?
    • ⤷ How does the +10 dBm LO power level impact the dynamic range of this mixer?
    • ⤷ Can the ADE-R6LH be used for both up-conversion and down-conversion?