ADE02
AI

The **ADE02** is a specific part number typically associated with **DIP Switches** (Dual In-line Package) produced by manufacturers like TE Connectivity (Alcoswitch) or similar electronic component vendors. These are manual electric switches packaged with standard integrated circuit spacing.
---
### 1. Technical Specifications
The ADE02 is a **2-position, surface mount (SMD)** or through-hole DIP switch designed for low-current logic switching.
| Feature | Specification |
| :--- | :--- |
| **Number of Positions** | 2 |
| **Contact Form** | SPST (Single Pole Single Throw) |
| **Actuator Type** | Extended or Flush Slide |
| **Current Rating (Switching)** | 25mA to 100mA |
| **Voltage Rating** | 5V DC to 24V DC |
| **Mounting Type** | Gull-wing (SMD) or Through-hole |
| **Operating Temperature** | -30°C to +85°C |
---
### 2. Internal Construction
The device consists of several key electronic elements:
* **Contacts:** Usually gold-plated to prevent oxidation and ensure reliable electrical connection over long periods of inactivity.
* **Housing:** High-temperature plastic (PPS or PBT) capable of withstanding reflow soldering temperatures.
* **Sealing:** Often comes with a top tape seal (removable) to allow for automatic washing/cleaning after the soldering process.
---
### 3. Common Applications
The ADE02 is used primarily for **configuration** rather than user interaction. Common use cases include:
1. **Address Setting:** Assigning a unique binary ID to a device on a bus (e.g., RS-485 or I2C).
2. **Mode Selection:** Switching between "Debug" and "Normal" operation modes on a PCB.
3. **Hardware Options:** Enabling or disabling specific hardware features (like a pull-up resistor) without changing firmware.
---
### 4. Circuit Diagram Example
In a typical digital circuit, the ADE02 is used to pull a microcontroller pin to Ground or VCC.
```arduino
// Logic configuration for a 2-position DIP switch
VCC (3.3V)
|
[Resistor 10k] <-- Pull-up
|
+---- Pin A0 (Microcontroller)
|
[ADE02 Switch Pos 1]
|
GND
```
- ⤷
What is the difference between the ADE and ADF series of DIP switches?
- ⤷ How do you calculate the pull-up resistor value for a DIP switch circuit?
- ⤷ Can the ADE02 be used for high-voltage power switching?