Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADEX-R10LH

  • AI
    The **ADEX-R10LH** is a specialized electronic component, primarily known as a high-performance **PCI Express (PCIe) Extender/Riser card**. These parts are frequently used in hardware development, testing, and production environments where signal integrity and physical flexibility are required for expansion slots. Below is a detailed breakdown of its electronic characteristics and components. --- ## 1. Core Technical Specifications The ADEX-R10LH is designed to bridge a motherboard's PCIe slot to a peripheral card, typically in a "Left-Hand" (LH) orientation. | Feature | Specification | | :--- | :--- | | **Interface Type** | PCI Express (PCIe) | | **Lane Configuration** | Typically x16 (physically), supports x1 through x16 | | **Orientation** | Left-Hand (LH) 90-degree Angle | | **Signal Integrity** | High-frequency impedance matching (85-100 ohms) | | **PCB Material** | Multi-layer FR-4 with gold-plated contacts | --- ## 2. Key Electronic Components ### A. Gold Finger Connector The "male" end of the board features **Hard Gold-Plated Fingers**. * **Function:** Ensures low contact resistance and high durability for multiple insertions/removals. * **Electronic Impact:** Minimizes signal attenuation at the junction between the motherboard and the riser. ### B. Decoupling Capacitors Small Surface Mount Device (SMD) capacitors are often found near the power rails ($3.3V$ and $12V$). * **Function:** Filters high-frequency noise from the power supply. * **Electronic Impact:** Ensures stable voltage delivery to the connected GPU or expansion card, preventing data corruption during high-load operations. ### C. Differential Pair Routing The PCB traces are designed as **Differential Pairs**. * **Function:** PCIe relies on differential signaling to reject electromagnetic interference (EMI). * **Electronic Impact:** The length of the "positive" and "negative" traces are matched exactly to prevent phase shifts (skew) in high-speed data transmission. --- ## 3. Physical & Electronic Layout The "LH" in the part number indicates a **Left-Facing** orientation. When the motherboard is viewed horizontally, the extender bends the slot to the left. * **90-Degree Turn:** The electronics are routed through a right-angle bend. This requires careful PCB layering to maintain signal impedance despite the physical turn. * **Voltage Pins:** The board passes the standard PCIe power pins: * **12V:** Main power for high-draw components. * **3.3V:** Logic power for the card's controllers. * **GND:** Common ground reference. --- ## 4. Common Use Cases 1. **Server Chassis:** For 1U or 2U rackmount servers where cards must lie flat to fit the height constraints. 2. **Testing Labs:** To protect the motherboard's native slot from wear and tear during frequent card swapping. 3. **Custom PC Builds:** For aesthetic vertical mounting or tight-clearance Small Form Factor (SFF) builds. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'LH' (Left-Hand) and 'RH' (Right-Hand) versions of this riser?
    • ⤷ Does the ADEX-R10LH support PCIe 4.0 or 5.0 signal speeds?
    • ⤷ Are there specific power limitations when using this extender for high-wattage GPUs?