Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADF4252BCPZ-R7

  • AI
    ## ADF4252BCPZ-R7: Technical Overview The **ADF4252BCPZ-R7** is a high-performance dual fractional-N/integer-N phase-locked loop (PLL) frequency synthesizer manufactured by Analog Devices. It is designed to implement local oscillators in the upconversion and downconversion sections of wireless receivers and transmitters. --- ### Key Specifications and Parameters | Parameter | Specification | |:---|:---| | **Architecture** | Dual (Fractional-N and Integer-N) | | **RF Max Frequency** | 3.0 GHz | | **IF Max Frequency** | 600 MHz | | **Supply Voltage** | 2.7 V to 3.3 V | | **Package** | 24-Lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +85°C | | **Phase Noise** | -216 dBc/Hz (Normalized Phase Noise Floor) | --- ### Core Electronic Components & Features The device integrates several critical electronic functional blocks: #### 1. Dual Synthesizer Design * **RF Side:** Utilizes a **Fractional-N** architecture. This allows for very fine frequency resolution while maintaining a high reference frequency, which results in faster lock times and lower in-band phase noise. * **IF Side:** Utilizes an **Integer-N** architecture, typically used for the intermediate frequency processing where fixed steps are acceptable. #### 2. Programmable Modulus The RF synthesizer has a programmable fractional modulus (up to 15-bit). This allows the user to define the exact frequency relationship between the reference clock and the output frequency with high precision. #### 3. Charge Pump and Phase Frequency Detector (PFD) * The PFD compares the phase of the reference signal and the feedback signal. * The **Charge Pump** converts this phase error into a current pulse, which drives an external loop filter to adjust the Voltage Controlled Oscillator (VCO). #### 4. Digital Control Interface It features a standard **3-wire serial interface** (SPI compatible) for programming the internal registers, including the N, R, and MOD counters. --- ### Application Circuitry Requirements To function as a complete synthesizer, the ADF4252BCPZ-R7 requires the following external electronic parts: 1. **VCO (Voltage Controlled Oscillator):** To generate the actual high-frequency signal. 2. **Loop Filter:** A passive RC network that determines the stability and locking speed of the PLL. 3. **TCXO (Temperature Compensated Crystal Oscillator):** To provide a stable reference frequency. 4. **Decoupling Capacitors:** Usually 0.1µF and 10pF ceramic capacitors to minimize power supply noise. --- ### Pin Configuration Summary ```text Pin Name | Function ---------|------------------------------------------------ RFOUT | RF Prescaler Input IFOUT | IF Prescaler Input CPRF | Charge Pump Output (RF) CPIF | Charge Pump Output (IF) SDATA | Serial Data Input SCLK | Serial Clock Input VP | Power Supply for Charge Pump ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between fractional-N and integer-N synthesizers in this chip?
    • ⤷ Can you provide a typical loop filter design for a 2.4 GHz application using this part?
    • ⤷ How does the 'R7' suffix affect the packaging or ordering of this component?