Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADG529ATCHIPS

  • AI
    ## ADG529ATCHIPS: Technical Overview The **ADG529ATCHIPS** is a high-performance, monolithic CMOS analog multiplexer consisting of two independent 4-channel differential multiplexers. It is designed for high reliability and latch-up immunity, making it suitable for demanding industrial and aerospace applications. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the ADG529ATCHIPS: | Feature | Specification | | :--- | :--- | | **Configuration** | Dual 4-Channel (Differential) | | **Supply Voltage** | Dual ($\pm 4.5V$ to $\pm 20V$) or Single ($12V$) | | **On-Resistance ($R_{ON}$)** | 270 $\Omega$ (Typical) | | **Latch-Up Immunity** | Guaranteed (Trench Isolation) | | **Digital Inputs** | TTL and CMOS Compatible | | **Package Form** | CHIPS (Die form for hybrid circuits) | | **Operating Temperature** | -55°C to +125°C (Military/Industrial Grade) | --- ### 2. Electronic Architecture and Operation The device utilizes a **Trench Isolation** process. This specific electronic architecture places an insulating layer (dielectric) between the NMOS and PMOS transistors of each switch, preventing the "latch-up" effect commonly found in standard CMOS parts when signals exceed the power rails. #### Logic Table The device is controlled by two address lines ($A_0, A_1$) and an Enable ($EN$) pin. | $A_1$ | $A_0$ | $EN$ | On-Switch Pair | | :--- | :--- | :--- | :--- | | X | X | 0 | None (All Off) | | 0 | 0 | 1 | 1 | | 0 | 1 | 1 | 2 | | 1 | 0 | 1 | 3 | | 1 | 1 | 1 | 4 | --- ### 3. Critical Electronic Features * **Low Leakage Current:** It exhibits extremely low output leakage currents, typically in the range of **20 pA**, which is critical for high-accuracy instrumentation where voltage drops across the switch must be minimized. * **Break-Before-Make Switching:** The internal circuitry ensures that one channel is disconnected before the next is connected, preventing momentary shorting of input signals. * **High Overvoltage Tolerance:** The trench isolation allows the part to handle transient voltage spikes more robustly than standard multiplexers. * **CHIPS Format:** Being a "CHIPS" part, it is supplied as an unsliced or bare die. This is used in **Hybrid Microcircuits** where space is at a premium and components are wire-bonded directly to a substrate. --- ### 4. Typical Application Circuit In a typical electronic setup, the ADG529ATCHIPS acts as the "front-end" for a Differential Amplifier. ```python # Conceptual Flow of Signal [Sensor A1/A2] --\ [Sensor B1/B2] ---> [ ADG529ATCHIPS ] ---> [ Instrumentation Amp ] ---> [ ADC ] [Sensor C1/C2] --/ ^ | [ Microcontroller ] (Control A0, A1, EN) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of trench isolation in the ADG529 series?
    • ⤷ How does the CHIPS format affect the mounting process compared to standard SMT packages?
    • ⤷ What are the power consumption characteristics of this device in standby mode?