Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADH8412TCPZ-R7-CSL

  • AI
    The **ADH8412TCPZ-R7-CSL** is a high-performance, gallium arsenide (GaAs), monolithic microwave integrated circuit (MMIC). Specifically, it is a low-noise amplifier (LNA) designed for high-frequency applications, typically operating in the microwave spectrum. --- ### 1. Key Technical Specifications The device is engineered for precision signal amplification where maintaining a high signal-to-noise ratio is critical. | Parameter | Description | | :--- | :--- | | **Component Type** | Low Noise Amplifier (LNA) | | **Material** | GaAs (Gallium Arsenide) | | **Frequency Range** | Typically covers X-band and Ku-band (approx. 7 GHz to 18 GHz) | | **Gain** | High stable gain (often ~15.5 dB depending on configuration) | | **Noise Figure** | Very low (approx. 2.0 dB) | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Input/Output Impedance** | 50 Ohms (Internally matched) | --- ### 2. Physical and Packaging Details The "TCPZ-R7-CSL" suffix provides specific information regarding the manufacturing and packaging standards: * **LFCSP Package:** A small-form-factor surface mount package that provides excellent thermal management and low parasitic inductance, essential for high-frequency RF performance. * **R7:** Indicates the tape and reel size (usually a 7-inch reel for automated assembly). * **CSL:** Often refers to specific custom screening levels or lead-free/RoHS compliance standards dictated by the manufacturer (Analog Devices). --- ### 3. Functional Blocks The internal circuitry of the ADH8412 consists of: 1. **Multi-stage Amplification:** Successive GaAs FET stages to achieve high gain. 2. **Matching Networks:** Integrated input and output matching to 50 $\Omega$ to simplify PCB design. 3. **Bias Circuitry:** Integrated active biasing to ensure stable performance over temperature fluctuations. --- ### 4. Common Applications Due to its high frequency and low noise characteristics, this part is used in: * **Military Radar:** For signal reception in electronic warfare and surveillance. * **Satellite Communication (SATCOM):** Low-noise front ends for ground stations. * **Test & Measurement:** High-speed oscilloscopes and spectrum analyzers. * **Point-to-Point Radio:** High-capacity microwave backhaul links. --- ### 5. Implementation Example When designing a PCB for this part, the RF traces must be impedance-controlled. Below is a conceptual representation of the pin-out logic: ```yaml Pin_Configuration: RFIN: # Pin for RF Input (50 Ohm matched) RFOUT: # Pin for RF Output (50 Ohm matched) VDD: # Positive Supply Voltage GND: # Ground (must be connected to a solid thermal plane) VGG: # Gate Control Voltage (for gain adjustment/biasing) ```
    ✨ Follow-up Questions
    • ⤷What is the typical supply voltage required for the ADH8412?
    • ⤷ How does GaAs technology differ from Silicon in RF applications?
    • ⤷ What are the thermal management requirements for the LFCSP package?