Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5202ACPZ-R7

  • AI
    ## Overview of the ADL5202ACPZ-R7 The **ADL5202ACPZ-R7** is a high-performance, digitally controlled, dual-channel variable gain amplifier (VGA) designed by Analog Devices. It is specifically engineered to provide precise gain control for high-frequency signals, typically used in intermediate frequency (IF) receiver chains. --- ### Core Specifications The following table summarizes the key electrical and physical parameters of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Digitally Controlled Variable Gain Amplifier (VGA) | | **Number of Channels** | 2 (Dual) | | **Frequency Range** | 700 MHz to 2100 MHz (Optimized for high-speed) | | **Gain Range** | -11.5 dB to +20 dB | | **Gain Step Resolution** | 0.5 dB | | **Interface** | Parallel or Serial (SPI) control | | **Supply Voltage** | 5V | | **Package Type** | 40-Lead LFCSP (6mm x 6mm) | --- ### Key Internal Components & Features 1. **Dual Amplifier Architecture**: It contains two independent amplifiers within a single package, allowing for processing of I/Q signals or two separate signal paths with high isolation between them. 2. **Precision Attenuator**: The device uses a digital step attenuator combined with a fixed-gain amplifier to achieve its variable gain range while maintaining high linearity. 3. **Fast Attack Times**: It is designed to respond quickly to gain changes, which is critical for Automatic Gain Control (AGC) loops in wireless infrastructure. 4. **High Linearity**: It maintains a high OIP3 (Output Third-Order Intercept Point), ensuring minimal signal distortion even at higher output levels. --- ### Functional Pin Groups | Pin Category | Description | | :--- | :--- | | **RF Inputs/Outputs** | Differential inputs and outputs designed for 50 $\Omega$ impedance matching. | | **Digital Control** | Pins for SPI (SDIO, SCLK, CSB) or Parallel mode to set the gain value. | | **Power/Ground** | Multiple VCC and GND pins to ensure thermal dissipation and signal integrity. | | **Enable/Power Down** | Pins used to put the device into a low-power state when not in use. | --- ### Typical Applications * **Wireless Infrastructure**: Base stations (WCDMA, LTE, TD-SCDMA). * **Point-to-Point Radio**: High-capacity backhaul systems. * **Automated Test Equipment**: Precision signal scaling. * **Military/Aerospace**: High-frequency radar and communication receivers. ---
    ✨ Follow-up Questions
    • ⤷ How do you interface the ADL5202 with a microcontroller using SPI?
    • ⤷ What are the power consumption characteristics of this device in power-down mode?
    • ⤷ What external components are required for impedance matching at 1.9 GHz?