Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5304ACPZ-R7

  • AI
    The **ADL5304ACPZ-R7** is a high-speed, high-performance logarithmic converter (log amp) manufactured by Analog Devices. It is specifically designed to convert input currents into a proportional output voltage, covering a massive dynamic range of up to 200 dB (10 decades). --- ## 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Dynamic Range** | 200 dB (1 pA to 10 mA) | | **Logarithmic Slope** | 10 mV/dB (nominal, adjustable) | | **Supply Voltage** | 3.0 V to 5.5 V (Single Supply) | | **Supply Current** | ~4.5 mA | | **Interface** | Two independent input channels (INP/INM) | | **Package** | 16-Lead LFCSP (Lead Frame Chip Scale Package) | | **Operating Temp** | -40°C to +85°C | --- ## 2. Core Functional Blocks The ADL5304 is more than just a simple amplifier; it integrates several precision components to maintain accuracy across its 10-decade range: 1. **Translinear Logarithmic Core:** This is the heart of the device. It uses the exponential current-voltage relationship of bipolar transistors to generate the logarithm of the input current. 2. **Internal Reference Current ($I_{REF}$):** The device provides an internal, temperature-compensated reference current (typically 100 nA) used for comparison. Users can also provide an external reference current to shift the intercept point. 3. **Summing Node / Buffer:** Converts the logarithmic current ratio into a buffered output voltage ($V_{LOG}$). 4. **VLOG Temperature Compensation:** Internal circuitry ensures that the log-slope remains stable regardless of ambient temperature fluctuations. --- ## 3. Typical Application Circuit When designing with the ADL5304, the typical configuration involves a photodiode connected to the input to measure light intensity over several orders of magnitude. ```c // Conceptual pin configuration for basic operation VCC (Pin 14) -> +5V GND (Pin 13) -> 0V INP (Pin 1) -> Photodiode Anode (Input Current) IREF (Pin 4) -> Internal 100nA Ref or External VLOG (Pin 10) -> Output Voltage to ADC ``` --- ## 4. Common Applications * **Optical Power Measurement:** Monitoring signal strength in fiber optic networks (high-side or low-side sensing). * **Medical Instrumentation:** Chemical analysis through spectroscopy or pulse oximetry. * **Wide Range Current Monitoring:** Precision sensing in scientific equipment where currents range from picoamps to milliamps. * **Log-Ratio Detection:** Comparing two different light sources or signal paths. --- ## 5. Design Considerations * **Guard Ringing:** Because the part can measure currents as low as 1 pA, PCB leakage is a major concern. Designers should use guard rings around the input traces. * **Power Supply Decoupling:** Use low-ESR capacitors (0.1 µF and 10 µF) close to the VCC pin to minimize noise. * **Input Protection:** While the device is robust, high-voltage transients on the input pins can damage the sensitive translinear core.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADL5304 and the ADL5303?
    • ⤷ How do you calculate the output voltage based on the input current for this device?
    • ⤷ What are the specific PCB layout requirements for measuring picoampere currents?