Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5310ACP-R2

  • AI
    ## ADL5310ACP-R2: Low-Frequency Logarithmic Translinear Converter The **ADL5310ACP-R2** is a high-precision, dual-input logarithmic converter manufactured by Analog Devices. It is primarily used for optical power monitoring and signal compression where high dynamic range is required. --- ### 1. Key Technical Specifications The device is designed to handle wide variations in input current, converting them into a stable voltage output based on logarithmic math. | Parameter | Specification | | :--- | :--- | | **Current Input Range** | 3 nA to 3 mA (6 Decades) | | **Supply Voltage** | 3 V to 5.5 V | | **Output Type** | Logarithmic Voltage Output | | **Reference Current** | Internally generated or externally set | | **Logarithmic Slope** | 10 mV/dB (Nominal) | | **Package** | 16-lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Functional Architecture The ADL5310 consists of several critical internal stages that allow it to process wide-range signals: * **Translinear Core:** The heart of the chip, which utilizes the logarithmic relationship between the base-emitter voltage and collector current of bipolar transistors. * **Dual Input Channels:** It features two independent input channels ($I_{NUM}$ and $I_{DEN}$), allowing it to perform **ratio measurements**. This is useful for calculating optical gain or loss. * **On-chip Reference:** Provides a stable 2.5V reference output to set the intercept and slope for the signal processing. * **Internal Op-Amps:** Used to buffer the output and provide scaling, ensuring the signal is strong enough for an Analog-to-Digital Converter (ADC). --- ### 3. Pin Configuration Summary The 16-lead LFCSP package requires specific connections for optimal performance: | Pin Name | Function | | :--- | :--- | | **INUM** | Input current to the numerator of the log ratio. | | **IDEN** | Input current to the denominator (reference) of the log ratio. | | **VLOG** | The primary logarithmic voltage output. | | **VREF** | 2.5V reference voltage output. | | **VPOS/VNEG** | Positive and Negative power supply pins. | --- ### 4. Typical Applications The ADL5310 is specialized for "DC-like" or low-frequency signals rather than RF waveforms: 1. **Optical Power Monitoring:** Measuring the current from a Photodiode (PD) in fiber optic systems. 2. **Absorbance Measurement:** Used in chemical analysis and spectroscopy where light attenuation is measured. 3. **Signal Compression:** Compressing a signal with a massive dynamic range (120dB) into a small voltage range for easier processing. --- ### 5. Simple Implementation Example In a typical circuit, a photodiode is connected to the `INUM` pin. The resulting voltage at `VLOG` follows this simplified transfer function: ```text VLOG = Slope * log10(INUM / IDEN) + Intercept ``` Where: - **Slope** is typically 200 mV/decade (set by external resistors). - **IDEN** is the reference current (can be set to 1 µA). ---
    ✨ Follow-up Questions
    • ⤷How do you calculate the external resistor values to change the logarithmic slope?
    • ⤷ What are the main differences between the ADL5310 and the AD8304?
    • ⤷ Can this part be used for high-speed RF envelope detection?