Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5315ACPZ-R7

  • AI
    ## ADL5315ACPZ-R7: Precision Current Mirror and Translinear Logarithmic Converter The **ADL5315ACPZ-R7** is a high-performance precision current mirror specifically designed for monitoring optical power in fiber optic systems. It is manufactured by Analog Devices and is known for its wide dynamic range and accuracy. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADL5315: | Feature | Specification | | :--- | :--- | | **Current Mirror Ratio** | 1:1 (Input current to Output current) | | **Input Current Range** | 3 nA to 3 mA (6 decades) | | **Supply Voltage (Vcc)** | 2.7 V to 8 V | | **Response Time** | 25 ns (Fast settling) | | **Package** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Functional Description The ADL5315 operates as a **Current-to-Current converter**. It is typically placed on the "high side" of a circuit (between the power supply and the load). #### Core Components: * **Precision Mirror:** It mirrors the current flowing through a photodiode (or other sensor) to a measurement pin without dropping significant voltage. * **Voltage Reference:** It maintains a stable voltage at the input pin to ensure the connected photodiode operates in a linear region. * **Adaptive Biasing:** The internal circuitry adjusts to maintain high accuracy even at very low currents (nano-ampere range). --- ### 3. Pin Configuration & Application | Pin Name | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | Input voltage for the IC. | | **INPT** | Input Current | Connects to the cathode of the photodiode. | | **IOUT** | Output Current | Mirrored current output for measurement. | | **COMM** | Common | Device ground. | | **SETV** | Voltage Set | Sets the bias voltage for the photodiode. | --- ### 4. Common Use Cases 1. **Optical Power Monitoring:** Measuring the current of a PIN photodiode in SFP/SFP+ transceiver modules. 2. **Logarithmic Conversion:** When paired with a resistor and an operational amplifier, it can be used to create wide-range logarithmic signal processors. 3. **High-Side Current Sensing:** Accurate monitoring of small currents in battery-powered or sensitive analog instrumentation. --- ### 5. Implementation Example (Basic Logic) To convert the output current to a readable voltage, a simple load resistor ($R_{LOAD}$) is used at the `IOUT` pin: ```text V_out = I_in * R_load ``` *Note: Ensure $R_{LOAD}$ is chosen so that $V_{out}$ does not exceed the compliance voltage of the device.* ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between ADL5315 and ADL5317?
    • ⤷ How do I calculate the optimal R_load for a 3mA maximum input?
    • ⤷ Can the ADL5315 be used for low-side current sensing?