Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5350ACPZ-R2

  • AI
    ## Overview of ADL5350ACPZ-R2 The **ADL5350ACPZ-R2** is a high-performance, linearized, single-ended resistive mixer. It is designed by Analog Devices to operate over a wide frequency range, typically used in communication infrastructure and cellular base stations. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 10 MHz to 4000 MHz | | **LO Frequency Range** | 10 MHz to 4000 MHz | | **IF Frequency Range** | LF to 450 MHz | | **Conversion Loss** | 6.8 dB (typical @ 900 MHz) | | **Input IP3** | 25 dBm | | **Input P1dB** | 15 dBm | | **Supply Voltage** | 3.0 V to 5.0 V | | **Package Type** | 8-lead LFCSP (3mm x 3mm) | --- ### 2. Electronic Architecture & Pins The ADL5350 is unique because it is a **passive mixer** that incorporates an internal **LO buffer**. This allows it to achieve high linearity while requiring a very low LO (Local Oscillator) drive level. #### Pin Configuration (8-Lead LFCSP) * **LO (Pin 1):** Local Oscillator input. Requires a DC blocking capacitor. * **VCC (Pin 2):** Positive supply voltage for the internal LO buffer. * **COMM (Pins 3, 6, 9):** Device ground connections. * **RF/IF (Pin 4):** The common port for RF input or IF output depending on up/down-conversion. * **NC (Pins 5, 7, 8):** No internal connection. --- ### 3. Functional Advantages 1. **Single-Ended Design:** Unlike balanced mixers that require external baluns to convert signals, the ADL5350 features a single-ended RF port. This significantly reduces the PCB footprint and BoM (Bill of Materials) cost. 2. **Low LO Drive:** The integrated buffer allows the device to operate with an LO drive as low as **-6 dBm to 0 dBm**, reducing the requirements on the local oscillator source. 3. **High Linearity:** It provides excellent suppression of intermodulation products, making it ideal for demanding wireless standards like GSM, WCDMA, and LTE. --- ### 4. Typical Application Circuit In a standard down-conversion setup, the circuit would be configured as follows: ```text VCC (3V-5V) | [Cap] | LO In --[Cap]-- Pin 1 (LO) Pin 4 (RF/IF) --[Matching Network]-- Output/Input Pin 3,6 (GND) ``` --- ### 5. Common Use Cases * Cellular Base Station Receivers * Radio Link Down-converters * Broadband Frequency Conversion * Instrumentation and Measurement Equipment
    ✨ Follow-up Questions
    • ⤷ What are the specific matching requirements for the RF/IF port at 2.4 GHz?
    • ⤷ How does the power consumption change when switching from 3V to 5V supply?
    • ⤷ Can the ADL5350 be used for up-conversion as effectively as down-conversion?