Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5356ACPZ-R7

  • AI
    ## Overview of ADL5356ACPZ-R7 The **ADL5356ACPZ-R7** is a high-linearity, dual-balanced, active mixer designed by Analog Devices. It is specifically engineered for cellular base station receivers that require high dynamic range and low noise figures. ### Core Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Dual Balanced Active Mixer | | **RF Frequency Range** | 1.2 GHz to 2.5 GHz | | **LO Frequency Range** | 1.2 GHz to 2.8 GHz | | **IF Frequency Range** | 30 MHz to 450 MHz | | **Conversion Gain** | 8.2 dB (typical) | | **Input IP3** | 31 dBm | | **Noise Figure** | 9 dB | | **Package** | 36-Lead LFCSP (6mm x 6mm) | --- ### Key Internal Components & Features The ADL5356 is more than just a simple mixer; it is a highly integrated RF front-end component. Its internal architecture consists of several critical electronic stages: #### 1. Dual Active Mixers Unlike passive mixers that result in signal loss (conversion loss), the ADL5356 uses active circuitry to provide **Conversion Gain**. This eliminates the need for an extra IF gain stage later in the signal chain, reducing the overall component count and PCB footprint. #### 2. LO (Local Oscillator) Amplifier & Switch - **Internal LO Buffer:** The part includes an internal buffer that allows it to operate with low LO drive levels (typically 0 dBm). - **LO Selection:** It features a 2:1 LO multiplexer, allowing the system to switch between two different LO sources (LO1 and LO2) for frequency hopping or multi-band applications. #### 3. RF Baluns The chip integrates on-chip RF baluns, which convert single-ended RF signals into differential signals. This is crucial for achieving high common-mode rejection and linearity (IP3). #### 4. Bias Control and Power Management - **Power-Down Feature:** The device includes a "power-down" pin to reduce current consumption during idle periods. - **Supply Voltage:** It typically operates on a 5V supply, drawing approximately 350 mA. --- ### Typical Application Circuitry In a standard deployment, the ADL5356 requires a few external passive components: * **Blocking Capacitors:** Required on RF and LO input ports to prevent DC bias from affecting external stages. * **IF Chokes/Baluns:** While the RF input is integrated, the IF output often requires external pulls or an external balun (like a 4:1 impedance transformer) to interface with ADCs or further filtering stages. ### Applications * Cellular Base Stations (W-CDMA, GSM, LTE) * Point-to-Multipoint Radios * Instrumentation and Military RF equipment
    ✨ Follow-up Questions
    • ⤷ How does the conversion gain of the ADL5356 compare to a passive mixer like the ADE-1?
    • ⤷ What are the specific layout considerations for the LFCSP package to manage heat?
    • ⤷ Can the ADL5356 be used for down-conversion in 5G Sub-6GHz applications?