Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5358ACPZ-R2

  • AI
    ## ADL5358ACPZ-R2: Dual-Channel High Linearity Downconverter The **ADL5358ACPZ-R2** is a high-performance, dual-channel RF (Radio Frequency) mixer designed by Analog Devices. It is specifically engineered for cellular base station receivers that require high dynamic range and low noise. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **RF Frequency Range** | 500 MHz to 1700 MHz | | **LO Frequency Range** | 700 MHz to 2100 MHz | | **IF Frequency Range** | 30 MHz to 450 MHz | | **Conversion Gain** | 8.9 dB | | **Noise Figure (NF)** | 9.9 dB | | **Input IP3** | 25 dBm | | **Supply Voltage** | 5V (Typical) | | **Package Type** | 36-lead LFCSP (6mm x 6mm) | --- ### 2. Functional Architecture The ADL5358 is more than just a simple mixer; it is a highly integrated "Mixer Core" subsystem. Its internal architecture includes: 1. **Dual Channels:** Contains two independent mixers, making it ideal for diversity receiver architectures (Main and Diversity paths). 2. **Integrated LO Amplifier:** It includes a Local Oscillator (LO) amplifier, which allows for low LO input power (typically 0 dBm). 3. **LO Switch:** Features an internal 2:1 multiplexer, allowing the device to switch between two different LO sources. 4. **RF Balun:** The RF inputs are internally matched to 50 $\Omega$ and include integrated baluns for single-ended operation. --- ### 3. Pin Configuration and Design Below is a simplified representation of the pin groupings for the 36-lead LFCSP package: ```text Section | Pins | Description -----------------|--------------|----------------------------------- RF Inputs | RFIA, RFIB | Differential RF inputs for Channel A and B. LO Inputs | LOIN1, LOIN2 | Two selectable LO inputs. IF Outputs | IFoutA, B | Open-collector outputs (require pull-up). Power/GND | VCC, COMM | 5V Supply and Common Ground. Control | LOSEL, ENBL | Logic pins for LO selection and power-down. ``` --- ### 4. Typical Applications * **Cellular Base Stations:** W-CDMA, CDMA2000, GSM, and LTE. * **Radio Link Downconverters:** Point-to-point and point-to-multipoint radios. * **Instrumentation:** Signal analyzers and wideband receivers. --- ### 5. Design Considerations * **Thermal Management:** The bottom of the LFCSP package features an exposed thermal pad that must be soldered to a low-impedance ground plane to dissipate heat. * **IF Matching:** Since the IF outputs are open-collectors, they require external inductors (chokes) or a transformer to provide DC bias and match the impedance to the next stage (usually 200 $\Omega$ or 50 $\Omega$). * **Decoupling:** High-frequency bypass capacitors (100 pF and 0.1 µF) should be placed as close to the VCC pins as possible to minimize noise interference.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ADL5358 and the ADL5350 mixer models?
    • ⤷ How does the integrated LO switch improve system redundancy?
    • ⤷ Can this part be used for frequencies above 2 GHz?