Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5370ACPZ-R2

  • AI
    ## ADL5370ACPZ-R2: Electronic Overview The **ADL5370ACPZ-R2** is a high-performance Quadrature Modulator designed by Analog Devices. It is primarily used to convert baseband or intermediate frequency (IF) signals directly to Radio Frequency (RF). --- ### 1. Key Technical Specifications The table below outlines the primary electrical characteristics of the ADL5370: | Parameter | Specification | Units | | :--- | :--- | :--- | | **RF Frequency Range** | 300 to 1000 | MHz | | **Output IP3** | +24 (at 450 MHz) | dBm | | **Noise Floor** | -158 | dBm/Hz | | **Supply Voltage** | 4.75 to 5.25 | V | | **Supply Current** | 165 | mA | | **Package** | 24-Lead LFCSP | - | --- ### 2. Functional Components The internal architecture consists of several critical electronic stages: 1. **I/Q Baseband Inputs:** Differential inputs for In-phase (I) and Quadrature (Q) signals. These are usually DC-biased to approximately 0.5V. 2. **Phase Shifter:** An internal LO (Local Oscillator) splitter that creates a precise 90° phase shift between the two internal mixers. 3. **Mixer Core:** Two Gilbert-cell mixers that multiply the I and Q baseband signals with the 0° and 90° LO signals. 4. **Summing Amplifier:** Combines the outputs of the two mixers into a single-ended RF output. --- ### 3. Application Circuitry To implement this part, specific external components are required. Below is a simplified representation of the typical interface: ```yaml Component: ADL5370 Connections: - Pins (IBBP, IBBN): I-channel Differential Input - Pins (QBBP, QBBN): Q-channel Differential Input - Pins (LOIP, LOIN): Local Oscillator Input (Differential) - Pin (RFOUT): RF Output (50 Ohm matched) - Pin (VCOM): Common-mode Voltage reference ``` ### 4. Critical Performance Features * **Carrier Suppression:** Minimal leakage of the LO signal into the RF output. * **Sideband Suppression:** High precision in the 90° phase shift ensures the unwanted sideband is cancelled effectively. * **Broadband Operation:** While optimized for 300-1000 MHz, it maintains high linearity across the entire band. ---
    ✨ Follow-up Questions
    • ⤷What are the recommended DC bias levels for the I and Q inputs?
    • ⤷ How does the ADL5370 compare to the ADL5371 in frequency range?
    • ⤷ What is the importance of the LFCSP package thermal pad for this device?