Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5372ACPZ-R71

  • AI
    The **ADL5372ACPZ-R7** is a high-performance quadrature modulator designed for use in wireless infrastructure and high-speed data communications. It is manufactured by Analog Devices and is commonly used to convert baseband signals directly to Radio Frequency (RF). --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of the ADL5372 modulator: | Feature | Specification | | :--- | :--- | | **RF Output Frequency Range** | 1500 MHz to 2500 MHz | | **Output IP3 (OIP3)** | +24.2 dBm @ 1900 MHz | | **Output P1dB** | +12.1 dBm @ 1900 MHz | | **Noise Floor** | -158 dBm/Hz | | **Supply Voltage** | 4.75 V to 5.25 V | | **Supply Current** | 165 mA | | **Package Type** | 24-Lead LFCSP (4mm x 4mm) | --- ### ## Key Electronic Components & Integration The internal architecture of the ADL5372 consists of several critical stages: 1. **Baseband Interface:** The device features two sets of differential baseband inputs (I and Q). These are typically DC-biased to approximately 0.5V to ensure optimal linearity and carrier suppression. 2. **LO (Local Oscillator) Phase Shifter:** The LO input is processed through an internal 90° phase shifter. This creates the "In-phase" and "Quadrature" components required to modulate the signal without interfering with the sidebands. 3. **Mixer Core:** Two double-balanced Gilbert-cell mixers combine the I/Q baseband signals with the shifted LO signals. 4. **Summing Amplifier:** The outputs of the two mixers are summed into a single-ended 50 $\Omega$ output, making it easy to interface with power amplifiers or filters. --- ### ## Application Use Cases * **Cellular Base Stations:** Supporting W-CDMA, CDMA2000, and LTE standards. * **Point-to-Point Radio:** High-capacity microwave links. * **Broadband Wireless:** Used in WiMAX and proprietary wireless systems. * **Instrumentation:** Signal generators and modulation analysis tools. --- ### ## Pin Configuration (Simplified) ```cpp // Example of Pin Functionality for ADL5372 Pin 1-4: Baseband I-channel Inputs (IBBP, IBBN) Pin 5-8: Baseband Q-channel Inputs (QBBP, QBBN) Pin 13: RF Output (Single-ended) Pin 16: LO Input (Local Oscillator) Pin 21: VPOS (Power Supply) Pin 24: GND (Ground/Thermal Pad) ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended DC bias levels for the I and Q inputs?
    • ⤷ How does the noise floor of the ADL5372 compare to the ADL5375?
    • ⤷ Can this modulator be used for 5G Sub-6GHz applications?