Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5385ACPZ-R7

  • AI
    The **ADL5385ACPZ-R7** is a high-performance, wideband quadrature modulator designed by Analog Devices. It is primarily used to convert baseband or intermediate frequency (IF) signals directly to radio frequency (RF). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **RF Frequency Range** | 30 MHz to 2200 MHz | | **Output P1dB** | 11 dBm @ 900 MHz | | **Noise Floor** | -159 dBm/Hz | | **Power Supply** | 4.75 V to 5.25 V | | **Package Type** | 24-Lead LFCSP (Lead Frame Chip Scale Package) | | **Current Consumption** | ~200 mA | --- ### 2. Functional Electronic Components The ADL5385 consists of several internal sub-circuits that work together to perform IQ modulation: 1. **Quadrature Phase Splitter:** Uses a proprietary polyphase filter to split the incoming Local Oscillator (LO) signal into two components that are 90° out of phase ($I$ and $Q$). 2. **Double-Balanced Mixers:** Two mixers combine the baseband input signals with the quadrature LO signals. This "double-balanced" architecture suppresses the carrier and provides high linearity. 3. **Summing Amplifier:** Combines the outputs of the $I$ and $Q$ mixers into a single-ended RF output. 4. **Bias Circuitry:** Internal voltage references ensure stable operation across temperature ranges. --- ### 3. Application Circuitry Requirements To integrate this part into a PCB design, the following external electronic considerations are necessary: #### Input/Output Matching * **LO Input:** Should be driven differentially or single-ended with a balun for optimal performance. It requires a typical power level of 0 dBm. * **Baseband Inputs:** These are DC-coupled. A common-mode voltage ($V_{COM}$) of approximately **0.5V** is required for proper biasing of the internal mixers. * **RF Output:** 50 $\Omega$ characteristic impedance. #### Power Supply Decoupling Proper decoupling is critical to minimize noise. ```markdown * Recommended Capacitors: - 100 pF (High frequency noise) - 0.1 μF (General bypass) - 10 μF (Tantalum for bulk storage) ``` --- ### 4. Typical Use Cases * **Radio Infrastructure:** GSM, W-CDMA, and LTE base stations. * **Broadband Access:** Cable modem termination systems. * **Military/Aerospace:** Secure communication links and signal jamming. * **Instrumentation:** Signal generators and laboratory test equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the significance of the 0.5V common-mode voltage for the baseband inputs?
    • ⤷ How does the ADL5385 compare to the ADL5380 in terms of function?
    • ⤷ What are the thermal considerations for the 24-Lead LFCSP package?