Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5506ACBZ-R7

  • AI
    ## Overview of ADL5506ACBZ-R7 The **ADL5506ACBZ-R7** is a high-performance, complete logarithmic RF power detector manufactured by Analog Devices. It is designed to convert an RF input signal into a proportional DC voltage, operating across a wide frequency range. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Frequency Range** | 30 MHz to 4.5 GHz | | **Dynamic Range** | 45 dB | | **Input Power Range** | -40 dBm to 5 dBm | | **Supply Voltage** | 2.7 V to 3.3 V | | **Current Consumption** | ~3.8 mA (Operating) / < 1 µA (Disabled) | | **Response Time** | 2 ns (Rise time) | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture consists of several critical electronic stages: 1. **Demodulating Logarithmic Amplifier:** This is the heart of the chip. It consists of a chain of cascading amplifiers and limiters that compress the wide input range into a logarithmic scale. 2. **Full-Wave Rectifier:** Converts the RF signal from the amplifier chain into a rectified current. 3. **Low-Pass Filter:** Smooths the rectified signal to produce a stable DC output voltage ($V_{OUT}$). 4. **Temperature Sensor/Compensator:** Ensures the output voltage remains stable across the operational temperature range (-40°C to +85°C). --- ### 3. Pin Configuration The device is housed in a tiny 6-ball WLCSP package, optimized for space-constrained mobile applications. | Pin Ball | Name | Description | | :--- | :--- | :--- | | A1 | VPOS | Positive Supply (2.7V to 3.3V) | | A2 | ENBL | Enable Pin (High = On, Low = Shutdown) | | B1 | RFIN | RF Input Signal (AC coupled) | | B2 | VOUT | Output Voltage (Detector Response) | | C1 | COMM | Device Ground | | C2 | FLTR | External Filter Capacitor Connection | --- ### 4. Application Use Cases Because of its small form factor and low power consumption, the ADL5506 is commonly used in: * **Mobile Handsets:** RSSI (Received Signal Strength Indicator) measurements. * **Wireless Infrastructure:** Monitoring power in base station amplifiers. * **Instrumentation:** Portable RF power measurement tools. * **Transmitter Control Loops:** Maintaining constant output power in RF transmitters. --- ### 5. Implementation Example (Schematic Logic) To use this part, the RF input must be AC-coupled, and the output slope is typically around **18 mV/dB**. ```c // Pseudo-logic for calculating Power from Voltage Output float calculate_dBm(float Vout) { float slope = 0.018; // 18mV per dB float intercept = -55.0; // Typical intercept point return (Vout / slope) + intercept; } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the significance of the 18 mV/dB slope in RF detectors?
    • ⤷ How does the WLCSP package affect PCB layout requirements?
    • ⤷ What are the advantages of a logarithmic detector over an RMS detector?