Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5506WACBZ-R7

  • AI
    The **ADL5506WACBZ-R7** is a high-performance, complete RF power detector designed for use in wireless infrastructure and communication systems. It belongs to the family of **Logarithmic Detectors**, specifically optimized for high-frequency applications. --- ### 1. Key Technical Specifications Below is a summary of the core electronic parameters for the ADL5506: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 30 MHz to 4.5 GHz | | **Dynamic Range** | 45 dB | | **Input Power Range** | -40 dBm to +5 dBm | | **Supply Voltage** | 2.7 V to 3.3 V | | **Supply Current** | ~3.8 mA (Typical) | | **Package Type** | 6-ball WLCSP (Wafer Level Chip Scale Package) | | **Operating Temp** | -40°C to +105°C (Automotive Grade) | --- ### 2. Functional Description The device functions as a **demodulating logarithmic amplifier**. It converts an RF input signal into a proportional DC voltage output. * **Logarithmic Response:** The output voltage is proportional to the logarithm of the input power (measured in dBm). This allows the chip to represent a very wide range of input signals with a linear voltage slope (typically **30 mV/dB**). * **Temperature Stability:** One of its standout features is its ability to maintain accuracy across its entire operating temperature range, which is critical for outdoor telecommunications equipment. * **Response Time:** It features a fast response time, making it suitable for envelope detection and rapid RSSI (Received Signal Strength Indicator) measurements. --- ### 3. Internal Components & Architecture The chip integrates several internal stages to achieve its precision: 1. **Input Matching:** An internal resistive network simplifies the interface with 50 $\Omega$ systems. 2. **Gain Stages:** Multiple cascaded linear amplifiers that provide the "logging" functionality. 3. **Full-Wave Rectifier:** Converts the high-frequency signal into a rectified current. 4. **Low-Pass Filter:** Smooths the rectified signal into a stable DC voltage. 5. **Output Buffer:** Ensures the output can drive subsequent stages (like an ADC) without significant signal degradation. --- ### 4. Typical Applications * **RSSIs:** Measuring signal strength in cellular receivers. * **Transmitter Power Monitoring:** Ensuring power amplifiers are operating within safe and legal limits. * **Automotive Telematics:** The "W" in the part number denotes AEC-Q100 qualification for automotive environments. * **Wireless LAN & WiMAX:** Power control in high-frequency data networks. --- ### 5. Schematic Considerations When integrating the ADL5506WACBZ-R7, keep the following in mind: * **Decoupling:** Use 100 pF and 0.1 µF capacitors on the $V_{POS}$ pin to minimize noise. * **Input Coupling:** The RF input should be AC-coupled using a high-quality capacitor (e.g., 100 pF). * **Output Loading:** The $V_{OUT}$ pin should be connected to a high-impedance load (usually > 10 k$\Omega$) to maintain accuracy.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between this logarithmic detector and an RMS detector?
    • ⤷ How does the WLCSP package affect the PCB layout requirements?
    • ⤷ Can this device be used for pulse detection in radar applications?