Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5519ACPZ-R2

  • AI
    The **ADL5519ACPZ-R2** is a high-performance, dual-channel logarithmic detector (RF power detector) manufactured by Analog Devices. It is designed to accurately measure the power level of radio frequency (RF) signals over a wide dynamic range and broad frequency spectrum. --- ### ## Technical Specifications The following table summarizes the key electrical characteristics of the ADL5519: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 1 MHz to 10 GHz | | **Dynamic Range** | Up to 62 dB | | **Logarithmic Linearity** | ±1.0 dB | | **Supply Voltage** | 3.3 V to 5.5 V | | **Current Consumption** | ~60 mA | | **Package Type** | 32-lead LFCSP (5mm x 5mm) | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features and Functional Parts 1. **Dual-Channel Architecture**: It contains two independent, identical log detectors. This allows the chip to monitor two different signals simultaneously, which is critical for measuring **Gain**, **Isolation**, or **Return Loss**. 2. **Differential Output**: The device provides a difference output ($V_{OUTA} - V_{OUTB}$), which is used specifically to measure the ratio between two signals (e.g., measuring the gain of an amplifier). 3. **Temperature Stability**: It features excellent stability over a wide temperature range, ensuring that power readings do not drift significantly as the hardware heats up. 4. **Fast Response Time**: The device has a quick output response, making it suitable for detecting rapid power pulses in high-speed communication systems. --- ### ## Common Applications The ADL5519 is typically found in infrastructure-grade RF equipment: * **RF Transmitter Power Monitoring**: Tracking the output power of cellular base stations (GSM, WCDMA, LTE). * **VSWR Measurement**: By measuring forward and reflected power, it can calculate the Voltage Standing Wave Ratio to detect antenna faults. * **Distance/Logarithmic Amplification**: Converting high-frequency AC signals into a stable DC voltage proportional to the decibel (dB) level. --- ### ## Sample Pin Configuration (Abbreviated) While the device has 32 pins, the most critical functional pins are: ```text Pin Name | Function ---------|------------------------------------------ INHA | RF Input for Channel A (High impedance) INHB | RF Input for Channel B (High impedance) VOUTA | DC Output voltage proportional to Pin A VOUTB | DC Output voltage proportional to Pin B VDIFF | Output representing the difference (A - B) VSET | Set-point input for controller mode ```
    ✨ Follow-up Questions
    • ⤷ How does the ADL5519 calculate the difference between two RF signals?
    • ⤷ What is the significance of the 10 GHz frequency limit for this component?
    • ⤷ Can this part be used in a closed-loop power control system?