Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5531ACPZ-R7

  • AI
    The **ADL5531ACPZ-R7** is a high-performance, broadband linear amplifier designed by Analog Devices. It is specifically used in radio frequency (RF) applications where high gain and low noise are critical. --- ### ## 1. Key Specifications The following table summarizes the primary electrical characteristics of the ADL5531: | Parameter | Specification | | :--- | :--- | | **Function** | Broadband Gain Block | | **Frequency Range** | 20 MHz to 500 MHz | | **Fixed Gain** | 20 dB | | **Output P1dB** | 20 dBm (at 190 MHz) | | **Output IP3** | 41 dBm (at 190 MHz) | | **Noise Figure** | 2.5 dB | | **Supply Voltage** | 5V | | **Supply Current** | 100 mA | | **Package** | 8-lead LFCSP | --- ### ## 2. Core Features * **Internal Matching:** The device is internally matched to 50 Ω, meaning it requires minimal external components to integrate into a circuit. * **High Linearity:** With an OIP3 (Output Third-Order Intercept Point) of 41 dBm, it handles multiple signals with very low distortion. * **Flat Gain Response:** It maintains a stable 20 dB gain across its specified frequency range. * **Stability:** It is unconditionally stable, reducing the risk of oscillations in complex RF layouts. --- ### ## 3. Typical Application Circuit To operate the ADL5531, a bias tee (inductor and capacitor) is required to provide DC power to the output pin while allowing the RF signal to pass through. ```c // Simplified Pin Configuration Pin 1: RFIN (RF Input) Pin 2-4: GND (Ground) Pin 5: NC (No Connection) Pin 6: RFOUT/VCC (RF Output & DC Bias) Pin 7-8: GND (Ground) ``` --- ### ## 4. Common Applications The ADL5531 is widely used in stages where a signal needs a boost before being processed or transmitted: 1. **IF (Intermediate Frequency) Stages:** Boosting signals in receivers. 2. **Driver Amplifiers:** Driving high-power amplifiers or mixers. 3. **General Purpose Wireless:** Used in cellular base stations, CATV, and instrumentation. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ADL5531 and ADL5530?
    • ⤷ How do I calculate the thermal dissipation for this LFCSP package?
    • ⤷ What are the recommended values for the DC biasing inductor?