Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5541ACPZ-R7

  • AI
    ## ADL5541ACPZ-R7 Overview The **ADL5541ACPZ-R7** is a high-performance, broadband **RF Gain Block Amplifier** manufactured by Analog Devices. It is designed to provide stable gain and low noise across a wide frequency range, making it ideal for communication infrastructure and instrumentation. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 20 MHz to 6.0 GHz | | **Fixed Gain** | 15 dB (Typical at 900 MHz) | | **OIP3 (Output IP3)** | +40 dBm (at 900 MHz) | | **P1dB (Output Power)** | 18.2 dBm (at 900 MHz) | | **Noise Figure** | 3.5 dB (at 900 MHz) | | **Supply Voltage** | 5 V | | **Supply Current** | 90 mA | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | --- ### Key Features and Internal Architecture The ADL5541 is engineered for simplicity and reliability. Its internal architecture includes several critical components: 1. **Internal Matching:** Unlike many RF amplifiers that require complex external matching networks, the ADL5541 is **internally matched to 50 $\Omega$**. This significantly reduces the Bill of Materials (BOM) and PCB complexity. 2. **Broadband Performance:** It maintains a flat gain response from 20 MHz up to 6 GHz, allowing it to be used in various applications like LTE, Wi-Fi, and ISM bands. 3. **Stability:** The device is designed to be unconditionally stable, meaning it will not oscillate under normal operating conditions and load variations. 4. **ESD Protection:** It features high ESD (Electrostatic Discharge) ratings to ensure durability during the assembly process. --- ### Basic Application Circuit To operate the ADL5541, a minimal set of external components is required (primarily DC blocking capacitors and an RF choke). ```c // Representative Schematic Diagram // [Input] --- [C_in] --- (RFIN) ADL5541 (RFOUT) --- [C_out] --- [Output] // | | // (GND) (VCC) --- [L_choke] --- +5V // | // [C_bypass] ``` * **C_in / C_out:** DC blocking capacitors (typically 100 nF to 10 pF depending on frequency). * **L_choke:** An inductor used to feed DC power to the output pin while preventing RF signals from leaking into the power supply. --- ### Common Applications * **Wireless Infrastructure:** Used as a driver amplifier in cellular base stations. * **CATV/Broadband:** Suitable for signal distribution systems. * **General Purpose RF:** Ideal for buffering and gain stages in laboratory equipment and software-defined radios (SDR).
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the DC blocking capacitors at 2.4 GHz?
    • ⤷ How does the gain flatness of the ADL5541 behave above 4 GHz?
    • ⤷ What are the thermal considerations for the LFCSP package during PCB layout?