Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5571ACPZ-R7

  • AI
    The **ADL5571ACPZ-R7** is a high-performance, differential-input power amplifier (PA) designed by Analog Devices. It is specifically optimized for applications in the 2.5 GHz to 2.7 GHz frequency range, such as WiMAX and other wireless infrastructure systems. --- ### ## Technical Specifications The following table summarizes the primary electrical and physical characteristics of the ADL5571ACPZ-R7: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.5 GHz to 2.7 GHz | | **Gain** | ~29 dB (at 2.6 GHz) | | **P1dB (Compression Point)** | +31 dBm | | **Operating Voltage** | 3.3 V to 5.0 V | | **Quiescent Current ($I_{cq}$)** | ~500 mA | | **Input/Output Impedance** | 50 $\Omega$ (Differential Input) | | **Package Type** | 16-lead LFCSP (4mm x 4mm) | | **Operating Temperature** | -40°C to +85°C | --- ### ### Key Electronic Features 1. **Differential Input Architecture**: Unlike standard single-ended amplifiers, the ADL5571 uses differential inputs. This improves noise immunity and reduces the effects of common-mode interference, which is critical in dense PCB layouts. 2. **Integrated Output Matching**: The device minimizes the need for external components by integrating much of the matching circuitry internally. However, some external bypass capacitors and inductors (bias tees) are required for the power supply lines. 3. **High Linearity**: It is designed to handle complex modulation schemes (like OFDM) with low distortion. It maintains a high **Error Vector Magnitude (EVM)** performance even at high output power levels. 4. **Power-Down Mode**: The chip includes a logic-level power-down pin (`PWDN`) to reduce current consumption to micro-amp levels when the transmitter is inactive. --- ### ### Typical Application Circuit In a standard implementation, the ADL5571 is placed at the final stage of a transmitter signal chain. ```mermaid graph LR A[Baseband/DAC] --> B[Modulator] B --> C[Driver Amp] C --> D[ADL5571 PA] D --> E[Bandpass Filter] E --> F[Antenna] ``` --- ### ### Pin Configuration Summary | Pin Name | Function | | :--- | :--- | | **RFIN+ / RFIN-** | Differential RF Input signals. | | **RFOUT** | RF Output (Usually requires a DC block). | | **VCC** | Supply voltage pins (Requires decoupling capacitors). | | **PWDN** | Power-down control (High = Off, Low = On). | | **Exposed Pad** | Must be soldered to a low-impedance ground plane for thermal dissipation. |
    ✨ Follow-up Questions
    • ⤷ What are the specific external components required for the output matching of the ADL5571?
    • ⤷ How does the EVM performance of this chip compare to similar power amplifiers in the 2.6 GHz band?
    • ⤷ What are the thermal management requirements for the 16-lead LFCSP package during high-power operation?