Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5580BCCZ-R7

  • AI
    ## Overview of the ADL5580BCCZ-R7 The **ADL5580BCCZ-R7** is a high-performance, high-linearity differential amplifier manufactured by Analog Devices. It is specifically designed to drive high-speed Analog-to-Digital Converters (ADCs) in demanding applications like wireless infrastructure and instrumentation. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Differential Amplifier | | **Bandwidth (-3 dB)** | 10 GHz | | **Gain** | 10 dB (Fixed) | | **Noise Figure** | 11.2 dB | | **OIP3 (Output IP3)** | 40 dBm at 2 GHz | | **Supply Voltage** | 5.0 V | | **Current Consumption** | ~176 mA | | **Package** | 20-Lead LFCSP (3mm x 3mm) | --- ### 2. Functional Features The ADL5580 serves as a bridge between high-frequency signal sources and high-speed converters. Its main technical advantages include: * **Wideband Performance:** With a 10 GHz bandwidth, it supports extremely high-speed data rates and wide RF signal processing. * **Differential Architecture:** The fully differential input and output stage provide excellent common-mode rejection and reduced second-order harmonic distortion. * **Integrated Matching:** It features internal impedance matching, which simplifies the design of the PCB and reduces the need for external passive components. * **Low Distortion:** High linearity ensures that the signal integrity is maintained even at high output swings, which is critical for 12-bit to 16-bit ADCs. --- ### 3. Application Areas Typical use cases for the ADL5580BCCZ-R7 include: 1. **ADC Driving:** Acting as the final stage before a high-speed ADC to provide necessary gain and impedance buffering. 2. **Wireless Infrastructure:** Used in 5G and 4G LTE base stations for signal conditioning. 3. **Instrumentation:** High-speed oscilloscopes and spectrum analyzers. 4. **Military & Aerospace:** Radar and electronic warfare systems requiring high-frequency signal processing. --- ### 4. Implementation Example (Pseudo-Schematic) In a typical circuit, the ADL5580 is placed between a Balun (for single-ended to differential conversion) and the ADC input. ```markdown [Signal In] -> [Balun] -> [ADL5580 (Amp)] -> [Low Pass Filter] -> [High-Speed ADC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power dissipation considerations for the ADL5580 in a compact PCB design?
    • ⤷ How does the ADL5580 compare to the ADL5565 in terms of bandwidth?
    • ⤷ Which specific ADCs are most commonly paired with this amplifier?