Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5592ACPZ-R71

  • AI
    The **ADL5592ACPZ-R7** is a high-performance, integrated RF (Radio Frequency) component manufactured by Analog Devices. It is specifically designed for use in wireless infrastructure and telecommunications systems. --- ### 1. Component Overview The ADL5592 is a **Quadrature Modulator** integrated with a **Variable Gain Amplifier (VGA)**. It is designed to convert complex modulation signals (I/Q) directly to an RF frequency ranging from **250 MHz to 2400 MHz**. | Feature | Specification | | :--- | :--- | | **RF Frequency Range** | 250 MHz to 2400 MHz | | **Function** | Quadrature Modulator + VGA | | **Output IP3** | +28 dBm @ 2140 MHz | | **Noise Floor** | -156 dBm/Hz | | **Gain Control Range** | 31.5 dB (0.5 dB steps) | | **Package** | 40-lead LFCSP (6mm x 6mm) | --- ### 2. Key Electronic Functional Blocks The device integrates several critical RF stages into a single chip: #### A. Quadrature Modulator This stage takes the baseband In-phase (I) and Quadrature (Q) signals and modulates them onto an RF carrier. It offers excellent phase and amplitude balance, which is crucial for maintaining low **Error Vector Magnitude (EVM)** in complex modulations like QAM or OFDM. #### B. Digitally Controlled VGA Following the modulation stage, a Variable Gain Amplifier allows for precise signal level control. - It uses a **6-bit parallel interface** or **SPI** to control the gain. - The step resolution is typically **0.5 dB**, allowing for highly linear power adjustments. #### C. Local Oscillator (LO) Interface The LO interface is designed to be driven differentially or single-ended. It includes internal buffers to minimize LO leakage and ensure the modulator operates efficiently across the wide frequency range. --- ### 3. Pinout and Circuit Integration For hardware engineers, the following connections are vital: | Pin Group | Description | | :--- | :--- | | **IBBP, IBBN / QBBP, QBBN** | Differential baseband inputs for I and Q signals. | | **LOP, LON** | Local Oscillator inputs. | | **RFOUT** | The modulated RF signal output. | | **D0-D5 / LE / CLK / DATA** | Digital control pins for gain adjustment. | | **VCC / GND** | Typically requires a 5V supply. | --- ### 4. Typical Applications * **Cellular Base Stations:** W-CDMA, CDMA2000, LTE, and GSM. * **Radio-on-Fiber:** Distribution systems for cellular signals. * **Fixed Wireless Access:** Point-to-multipoint broadband. * **Instrumentation:** Signal generators and modulation analysis tools. --- ### 5. Part Number Breakdown * **ADL5592:** The base functional part number. * **ACPZ:** Lead-free (RoHS compliant) LFCSP package. * **R7:** Denotes 7-inch Tape and Reel packaging (typically 750 or 1500 units per reel).
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the ADL5592 at peak performance?
    • ⤷ How does the ADL5592 compare to the ADL5385 in terms of frequency range?
    • ⤷ Can the ADL5592 be interfaced directly with a DAC for baseband input?