Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5604ACPZ-R7

  • AI
    The **ADL5604ACPZ-R7** is a high-performance, 1-watt RF driver amplifier manufactured by Analog Devices. It is designed to operate within the 700 MHz to 2700 MHz frequency range, making it a critical component for wireless infrastructure and cellular base stations. --- ### 1. Key Technical Specifications Below is a summary of the electronic characteristics for the ADL5604: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 700 MHz to 2700 MHz | | **Gain** | 12.2 dB at 2140 MHz | | **Output P1dB** | 29.1 dBm (~0.8 Watts) | | **OIP3** | 44.8 dBm at 2140 MHz | | **Supply Voltage** | 5.0 V (Typical) | | **Supply Current** | 318 mA | | **Package** | 16-lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Functional Description The ADL5604 is an **internally matched** RF amplifier, which simplifies the design process for engineers. * **Fixed Gain:** It provides a stable gain of approximately 12 dB, which is highly flat across its operating bandwidth. * **Linearity:** It is optimized for high linearity, specifically for signals with high peak-to-average ratios (like W-CDMA or LTE). This ensures minimal signal distortion. * **Thermal Management:** The bottom of the LFCSP package features an exposed thermal pad that must be soldered to the PCB ground plane to dissipate heat, as the device consumes roughly 1.5W of power. --- ### 3. Typical Application Circuit The device requires minimal external components. Below is a simplified representation of the pins and external connections: ```mermaid graph LR Input[RF Input] --> Pin2[RFIN] Pin2 --> Amp[ADL5604 Internal Amp] Amp --> Pin11[RFOUT] Pin11 --> Output[RF Output] VCC[+5V Supply] --> Inductor[Choke Inductor] Inductor --> Pin11 ``` * **AC Coupling:** DC blocking capacitors are required on the `RFIN` and `RFOUT` pins. * **Biasing:** The supply voltage is typically fed through an RF choke (inductor) connected to the `RFOUT` pin. * **Power Down:** Pin 13 (`PDRN`) allows the device to be placed in a low-power sleep mode when not in use. --- ### 4. Common Use Cases 1. **Wireless Infrastructure:** Power amplifier (PA) driver stage for GSM, W-CDMA, and LTE base stations. 2. **Repeaters:** Used in signal boosters to provide a "clean" gain stage. 3. **Military/ISM:** High-linearity amplification for specialized radio links in the 900MHz or 2.4GHz bands.
    ✨ Follow-up Questions
    • ⤷ What are the specific requirements for the thermal pad layout for the ADL5604?
    • ⤷ How does the OIP3 performance change across the 700 MHz to 2700 MHz range?
    • ⤷ What are the recommended values for the DC blocking capacitors at 2.1 GHz?