Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL5910ACPZN-R7

  • AI
    # Overview of ADL5910ACPZN-R7 The **ADL5910ACPZN-R7** is a high-performance **Radio Frequency (RF) Detector** manufactured by Analog Devices. It is specifically designed for high-frequency applications requiring accurate power measurement and envelope detection. --- ## 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | RF Detector / Envelope Detector | | **Frequency Range** | 0.01 GHz to 6 GHz | | **Dynamic Range** | 30 dB | | **Supply Voltage** | 3.0V to 3.6V | | **Current Consumption** | ~3.5 mA (Operating) | | **Response Time** | 45 ns (Fast Rise/Fall Time) | | **Package Type** | 16-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Core Functional Components The internal architecture of the ADL5910 is optimized for two primary modes of operation: ### A. Envelope Detection The device can track the instantaneous envelope of a modulated RF signal. Because of its high bandwidth and fast response time, it is ideal for detecting the peaks of complex signals (like LTE or Wi-Fi). ### B. Threshold Detection (TruPwr™ Technology) The ADL5910 includes a **Programmable Threshold**. If the input RF power exceeds a user-defined voltage level (set via the `VSET` pin), the `Q` output switches state. This makes it an excellent choice for **Power Monitoring** and **Over-Power Protection**. ### C. Temperature Compensation It features internal temperature sensing circuitry that ensures the output voltage remains stable across the entire operating temperature range, reducing the need for external calibration. --- ## 3. Pin Configuration Highlights | Pin Name | Description | | :--- | :--- | | **RFIN** | The RF input pin (typically AC coupled). | | **VSET** | Input pin to set the detection threshold voltage. | | **VOUT** | The analog output voltage proportional to the RF envelope. | | **Q / Q_BAR** | Digital outputs that indicate if the signal is above/below the threshold. | | **VPOS** | Positive Supply (3.3V nominal). | --- ## 4. Typical Applications * **RF Pulse Detection:** Used in radar or wireless communication to identify the start/end of pulses. * **PA Protection:** Integrated into Power Amplifier (PA) modules to trigger a shutdown if power levels become dangerous. * **Envelope Tracking:** Helping to improve the efficiency of power amplifiers by tracking signal peaks. * **TSSI (Transmit Signal Strength Indicator):** General power measurement in radio transmitters. --- ## 5. Circuit Implementation Example To implement the ADL5910, the following basic connections are usually required: ```c // Typical Connection Logic 1. RFIN: Connect to RF source via a 100pF coupling capacitor. 2. VSET: Connect to a DAC or voltage divider to set the "Trip" level. 3. VOUT: Connect to an ADC for power level measurement. 4. Q Output: Connect to a Microcontroller GPIO to monitor power status. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between envelope detection and RMS detection in RF parts?
    • ⤷ How do you calculate the threshold voltage for the VSET pin?
    • ⤷ Are there recommended PCB layout practices for the 16-Lead LFCSP package?