Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL6010ACPZN-R2

  • AI
    The **ADL6010ACPZN-R2** is a high-performance, envelope-based broadband microwave detector. It is designed by Analog Devices to provide an accurate representation of the signal envelope for high-frequency applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Function** | Envelope Detector / Power Detector | | **Frequency Range** | 500 MHz to 45 GHz | | **Dynamic Range** | ~45 dB (±1 dB error) | | **Input Impedance** | 50 $\Omega$ (Differential) | | **Response Time** | 8 ns (Rise Time) | | **Supply Voltage** | 4.75 V to 5.25 V | | **Package** | 6-lead LFCSP (2mm x 2mm) | --- ### 2. Functional Description The ADL6010 is not a standard log-amplifier; it is an **envelope detector**. It extracts the amplitude variations of a carrier wave and converts them into a baseband voltage. #### Core Features: * **Ultrawide Bandwidth:** Operates effectively from 0.5 GHz up to 45 GHz, making it suitable for 5G, satellite, and radar systems. * **Linear-in-V/V Response:** The output voltage is directly proportional to the input voltage (V/V), rather than the logarithmic (dB) scale found in many other detectors. * **High Speed:** With an 8 ns rise time, it is capable of tracking fast-moving signal envelopes in complex modulation schemes (like QAM or OFDM). --- ### 3. Pinout and Integration The device is housed in a very small 6-lead Lead Frame Chip Scale Package (LFCSP). | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1, 6 | RFIN / RFINB | RF Differential Inputs | | 2, 5 | GND | Ground Connection | | 3 | VOUT | Video/Envelope Output Voltage | | 4 | VPOS | Positive Supply Voltage (5V) | --- ### 4. Typical Applications Because of its precision and speed at microwave frequencies, it is commonly used in: 1. **PA Linearization:** Monitoring the output of Power Amplifiers (PA) to correct for distortion. 2. **Microwave Point-to-Point Links:** Signal strength monitoring. 3. **Instrumentation:** High-speed power measurement in lab equipment. 4. **Radar Systems:** Pulse detection and envelope timing. --- ### 5. Part Number Breakdown: ADL6010ACPZN-R2 * **ADL6010:** Device base model number. * **A:** Temperature grade (usually -40°C to +85°C). * **CP:** Lead Frame Chip Scale Package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **N:** Specific revision/designators. * **R2:** 7-inch reel containing 250 units (Standard tape and reel packaging).
    ✨ Follow-up Questions
    • ⤷What is the difference between a log detector and the linear-in-V/V response of the ADL6010?
    • ⤷ How should the differential inputs (RFIN/RFINB) be interfaced with a single-ended signal?
    • ⤷ What are the power consumption characteristics of this IC during operation?