Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL8106ACEZ-R7

  • AI
    The **ADL8106ACEZ-R7** is a high-performance, wideband, gallium arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), monolithic microwave integrated circuit (MMIC), low noise amplifier (LNA). It is designed by Analog Devices for high-frequency telecommunications and instrumentation applications. --- ### 1. Key Technical Specifications The ADL8106 is characterized by its wide frequency range and low noise floor. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 18 GHz to 54 GHz | | **Gain** | 21.5 dB (Typical) | | **Noise Figure** | 3.5 dB (at 30 GHz to 50 GHz) | | **Output P1dB** | 14 dBm | | **Supply Voltage (Vdd)** | 2.0 V to 4.0 V | | **Supply Current (Idd)** | 50 mA | | **Package Type** | 24-terminal LGA_CAV (3mm x 3mm) | --- ### 2. Functional Characteristics * **Wideband Performance:** It covers a massive spectrum from 18 GHz up to 54 GHz, making it suitable for 5G mmWave and satellite communications. * **Self-Biased Architecture:** The device can be operated in a self-biased mode (using a single positive supply) or an externally biased mode for more precise control over the current consumption. * **50 $\Omega$ Matched:** The input and output are internally matched to 50 ohms, which simplifies the PCB design by removing the need for external matching components. * **Low Noise Figure:** Maintaining a noise figure around 3.5 dB at high frequencies is critical for maintaining signal integrity in the receiver chain. --- ### 3. Application Areas Because of its frequency range and gain profile, the ADL8106 is commonly used in: 1. **5G Infrastructure:** mmWave base stations and backhaul equipment. 2. **Military & Aerospace:** Radar systems and electronic warfare. 3. **Test & Measurement:** High-frequency signal analyzers and spectrum monitoring. 4. **Satellite Communications (SATCOM):** Ground stations and phased array antennas. --- ### 4. Implementation Example (Basic Bias) To operate the ADL8106, a standard configuration involves bypassing the supply pins with capacitors to minimize noise. ```python # Conceptual Pin Configuration for ADL8106 Pins = { "RFOUT/VDD": "RF Output and Drain Voltage Supply", "RFIN": "RF Input (AC coupled)", "VBIAS": "Optional Gate Bias for current adjustment", "GND": "Ground (exposed pad for thermal/RF return)" } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific thermal management requirements for the LGA_CAV package?
    • ⤷ How does the ADL8106 compare to the ADL8105 in terms of frequency range?
    • ⤷ Can this LNA be used in a bi-directional signal chain?