Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADL8141ACPZN-R7

  • AI
    ## Overview of ADL8141ACPZN-R7 The **ADL8141ACPZN-R7** is a high-performance, Gallium Arsenide (GaAs), Pseudomorphic High Electron Mobility Transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC). It is primarily designed as a Low Noise Amplifier (LNA) that operates across a wide frequency range. --- ### Key Specifications Below are the primary technical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2 GHz to 8 GHz | | **Gain** | 14.5 dB (Typical) | | **Noise Figure** | 1.1 dB (at 4 GHz) | | **Output P1dB** | 17 dBm | | **Supply Voltage ($V_{DD}$)** | 2V to 5V | | **Supply Current ($I_{DD}$)** | 25 mA to 55 mA | | **Package Type** | 8-Lead LFCSP (2mm x 2mm) | --- ### Functional Features 1. **Wideband Performance:** It covers the S and C bands, making it versatile for various radar and communication standards. 2. **Low Noise Figure:** With a noise figure as low as 1.1 dB, it is ideal for the first stage of a receiver chain to maximize sensitivity. 3. **Self-Biased Architecture:** The device features internal self-biasing, which simplifies the external circuitry required to power the chip. 4. **$50 \Omega$ Matched:** The input and output are internally matched to 50 Ohms, reducing the need for complex external matching networks. 5. **Compact Footprint:** The 2mm x 2mm Lead Frame Chip Scale Package (LFCSP) allows for high-density PCB layouts. --- ### Typical Applications * **Military & Space:** Electronic warfare systems and radar signal processing. * **Test & Measurement:** High-frequency laboratory equipment and signal analyzers. * **Communications:** Point-to-point radios, VSAT (Very Small Aperture Terminals), and fiber optic receive chains. * **General Purpose:** Wideband gain blocks for RF front-ends. --- ### Pin Configuration (8-Lead LFCSP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | RFIN | RF Input (DC coupled, requires blocking capacitor) | | 2, 3, 5, 8 | GND | Ground connections | | 4 | RFOUT | RF Output (DC coupled, requires blocking capacitor) | | 6 | NC | No internal connection | | 7 | VDD | Power Supply Voltage | --- ### Design Considerations * **DC Blocking:** Since the RF input and output pins are DC coupled, external DC blocking capacitors are mandatory to prevent damage or bias interference. * **Thermal Management:** The bottom of the LFCSP package features an exposed pad that must be soldered to the PCB ground plane for effective heat dissipation and RF grounding. * **Decoupling:** Use high-quality ceramic bypass capacitors (e.g., 100 pF and 0.01 µF) on the $V_{DD}$ line to minimize power supply noise.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the DC blocking capacitors at 8 GHz?
    • ⤷ How does the noise figure change across the 2-8 GHz frequency range?
    • ⤷ Can this LNA be used in pulsed power applications?