Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADM1025ARQZ-R7

  • AI
    ### ADM1025ARQZ-R7: Technical Overview The **ADM1025ARQZ-R7** is a specialized System Hardware Monitor designed primarily for use in Personal Computers, Servers, and Embedded Systems. It is manufactured by **Analog Devices (onsemi)** and serves as an integrated solution for monitoring thermal conditions and power supply voltages. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Function** | Voltage and Temperature Monitor | | **Voltage Supply** | 3.0V to 5.5V | | **Interface** | SMBus (2-Wire Serial) | | **Monitoring Inputs** | 5 Voltage Channels + 2 Temperature Channels | | **Temperature Range** | -40°C to +125°C | | **Package Type** | QSOP-16 | | **ADC Resolution** | 8-Bit | --- ### 2. Core Functional Components The chip integrates several electronic blocks into a single 16-pin package to ensure system stability: #### A. Voltage Monitoring It features five dedicated analog input channels. These are typically used to monitor standard PC power rails: * +2.5V * +3.3V * +5V * +12V * Vccp (Processor Core Voltage) #### B. Temperature Sensing * **Internal Sensor:** An on-chip digitized sensor monitors the ambient temperature of the board where the chip is mounted. * **External Sensor:** It supports one remote thermal diode (usually found inside a CPU or GPU) to monitor high-heat components directly. #### C. Analog-to-Digital Converter (ADC) The device uses an 8-bit ADC to convert analog voltage and temperature readings into digital data that can be read by the system's BIOS or OS via the SMBus. #### D. Limit Comparison & Interrupts Engineers can program "High" and "Low" limits into the registers. If a voltage or temperature exceeds these limits, the chip triggers an **INT# (Interrupt)** signal to alert the processor, preventing hardware damage. --- ### 3. Pinout Configuration (QSOP-16) | Pin | Name | Description | | :--- | :--- | :--- | | 1-5 | V1 - V5 | Voltage Monitoring Inputs | | 6 | D1+ | Remote Temperature Diode Positive Input | | 7 | D1- | Remote Temperature Diode Negative Input | | 11 | SDA | SMBus Data Line | | 12 | SCL | SMBus Clock Line | | 13 | INT# | Interrupt Output (Active Low) | | 16 | Vcc | Power Supply | --- ### 4. Applications * **Desktop & Notebook PCs:** Monitoring motherboard health. * **Servers:** Ensuring power redundant supplies and cooling systems are within spec. * **Industrial Controllers:** Protecting sensitive circuitry from thermal runaway.
    ✨ Follow-up Questions
    • ⤷ How does the SMBus interface facilitate communication with the host processor?
    • ⤷ What are the specific advantages of using a QSOP-16 package for this device?
    • ⤷ How do you program the alarm thresholds for the voltage monitoring pins?