Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADM1031ARQZ-R7

  • AI
    ## ADM1031ARQZ-R7: Technical Overview The **ADM1031ARQZ-R7** is a high-precision, intelligent system hardware monitor designed by Analog Devices (now part of ON Semiconductor). It is primarily used for temperature monitoring and fan speed control in desktop PCs, servers, and workstations. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | ON Semiconductor (formerly Analog Devices) | | **Package** | 16-QSOP (Quarter Size Outline Package) | | **Supply Voltage** | 3.0V to 5.5V | | **Temperature Channels** | 3 (1 Internal, 2 Remote) | | **Fan Channels** | 2 Independent PWM Outputs | | **Interface** | SMBus (System Management Bus) | | **ADC Resolution** | 10-bit | --- ### 2. Core Functional Components The device integrates several critical electronic sub-systems into a single chip: #### A. Temperature Monitoring * **Internal Sensor:** Monitors the ambient temperature at the chip's location. * **Remote Sensors:** Uses external transistors (usually integrated into CPUs or GPUs) to measure "hot spot" temperatures with high accuracy. * **Offset Registers:** Allows for calibration to compensate for different thermal diode characteristics. #### B. Fan Speed Control * **PWM Generation:** Produces Pulse Width Modulation signals to drive fans. * **Tachometer Inputs:** Monitors the "Tach" feedback from fans to ensure they are spinning at the requested RPM. * **Automatic Loop:** Can be programmed to automatically increase fan speed as temperature rises without software intervention. #### C. Voltage Monitoring * The chip includes inputs to monitor system supply rails (Vcc), ensuring the hardware operates within safe electrical limits. #### D. Communication Interface * **SMBus/I2C:** This is the "brain" interface. The host controller (CPU/Microcontroller) uses this 2-wire interface to read data and write configuration settings (like alarm thresholds). --- ### 3. Pinout Configuration (Summary) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | Positive Supply Voltage | | 2, 3 | **D1+, D1-** | Remote Temperature Sensor 1 | | 4, 5 | **D2+, D2-** | Remote Temperature Sensor 2 | | 8, 9 | **PWM1, PWM2** | Fan Control Outputs | | 10, 11 | **TACH1, TACH2** | Fan Speed Feedback Inputs | | 14, 15 | **SCL, SDA** | SMBus Clock and Data | | 16 | **GND** | Ground | --- ### 4. Typical Applications * **Servers:** Precise thermal management to prevent CPU throttling. * **Workstations:** Maintaining low noise by reducing fan speeds when the system is idle. * **Industrial PC:** Ensuring reliability in harsh temperature environments. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between PWM and Voltage fan control in this chip?
    • ⤷ How do the remote temperature sensors connect to the CPU?
    • ⤷ What happens if the ADM1031 detects a temperature exceeding the 'Critical' limit?