Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADM1192-1ARMZ-R7

  • AI
    ## Overview of ADM1192-1ARMZ-R7 The **ADM1192-1ARMZ-R7** is a digital power monitor and hot-swap controller integrated circuit developed by Analog Devices. It is designed to provide comprehensive system protection and power monitoring for high-reliability systems. --- ### Key Technical Specifications The following table outlines the primary electrical characteristics of the device: | Parameter | Specifications | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Input Voltage Range** | 3.15 V to 26 V | | **ADC Resolution** | 12-bit | | **Communication Interface** | I2C / SMBus | | **Package / Case** | 10-MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount | --- ### Functional Components The ADM1192 integrates several electronic subsystems into a single chip: 1. **Hot-Swap Controller**: Controls an external N-channel MOSFET to safely power up a circuit board, preventing inrush current spikes. 2. **Current Sense Amplifier**: Measures the voltage drop across an external sense resistor to monitor the current flow. 3. **12-bit ADC**: Converts the analog current and voltage readings into digital data for the system controller. 4. **I2C Interface**: Allows the host processor to read data and configure parameters like alarm thresholds and power-on delays. 5. **Internal Timer**: Provides programmable timing for the hot-swap function to ensure the system stabilizes before full operation. --- ### Pin Configuration (Common 10-MSOP) The device features a compact 10-pin layout to handle high-voltage sensing and low-voltage logic: | Pin Name | Function | | :--- | :--- | | **VCC** | Power supply for the chip. | | **SENSE+ / SENSE-** | Positive and negative inputs for current sensing. | | **GATE** | Connects to the gate of the external MOSFET. | | **TIMER** | Connection for an external capacitor to set timing. | | **SDA / SCL** | Serial Data and Clock lines for I2C communication. | | **SETV / SETI** | Setting pins for voltage/current trip points. | --- ### Applications This part is typically found in environments requiring high uptime and power telemetry: * **Data Center Servers**: Monitoring power consumption at the blade level. * **Telecommunications Equipment**: Providing hot-swap capability for line cards. * **Industrial Automation**: Protecting sensitive control electronics from power surges. * **Storage Area Networks (SAN)**: Real-time monitoring of disk drive power rails.
    ✨ Follow-up Questions
    • ⤷What are the specific I2C address options for the ADM1192?
    • ⤷ How does the 'foldback' current limiting feature work in this device?
    • ⤷ What is the difference between the ADM1191 and the ADM1192?