Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADM3065EARZ-R7

  • AI
    ## Technical Overview of the ADM3065EARZ-R7 The **ADM3065EARZ-R7** is a high-speed, robust RS-485 transceiver designed by Analog Devices. It is specifically engineered for reliable communication in harsh industrial environments, featuring high ESD protection and high data rate capabilities. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Protocol** | RS-485 / RS-422 | | **Data Rate** | Up to 50 Mbps | | **Supply Voltage** | 3.0 V to 5.5 V | | **Operating Temperature** | -40°C to +125°C | | **ESD Protection** | ±12 kV (IEC 61000-4-2 Contact Discharge) | | **Number of Drivers/Receivers** | 1 / 1 (Half-Duplex) | | **Package / Case** | 8-SOIC (0.154", 3.90mm Width) | | **Mounting Type** | Surface Mount | --- ### 2. Functional Components and Features #### A. High-Speed Performance Unlike standard RS-485 transceivers that often cap at 1 Mbps or 10 Mbps, the ADM3065 supports up to **50 Mbps**. This makes it ideal for applications requiring fast clocking or large data transfers over differential pairs. #### B. Robustness and ESD Protection The device includes integrated protection against electrostatic discharge (ESD) on the bus pins (A and B). This reduces the need for external TVS diodes in many designs. It also features: * **Short-Circuit Protection:** Protects the driver against bus contention or faults. * **Thermal Shutdown:** Prevents damage if the internal temperature exceeds safe limits. #### C. Receiver Fail-Safe The receiver includes a **fail-safe feature** that guarantees a logic high output when the receiver inputs are: 1. Open circuit (disconnected). 2. Short-circuited. 3. Idle (terminated but not driven). --- ### 3. Pin Configuration | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **RO** | Receiver Output | | 2 | **RE** | Receiver Enable (Active Low) | | 3 | **DE** | Driver Enable (Active High) | | 4 | **DI** | Driver Input | | 5 | **GND** | Ground | | 6 | **A** | Non-Inverting Driver Output / Receiver Input | | 7 | **B** | Inverting Driver Output / Receiver Input | | 8 | **VCC** | Power Supply (3.3V or 5V) | --- ### 4. Typical Application Circuit In a standard half-duplex configuration, the DE and RE pins are often tied together to control the direction of data flow with a single GPIO from a microcontroller. ```c // Example Logic for Half-Duplex Control void transmit_mode() { digitalWrite(CONTROL_PIN, HIGH); // DE=1, RE=1 -> Driver On, Receiver Off } void receive_mode() { digitalWrite(CONTROL_PIN, LOW); // DE=0, RE=0 -> Driver Off, Receiver On } ``` --- ### 5. Ordering Information Prefix/Suffix * **ADM3065**: Base Model Number. * **E**: Enhanced ESD Protection. * **A**: Version/Revision identifier. * **RZ**: Package Code (SOIC_N). * **R7**: Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADM3065 and the ADM3066?
    • ⤷ How does the 50 Mbps data rate affect the maximum cable length in an RS-485 network?
    • ⤷ Is this transceiver compatible with both 3.3V and 5V logic levels simultaneously?